Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY233-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BY233-600
Description  Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BY233-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BY233-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BY233-600 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Rectifier
BY233-600
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Motor Controls
· SMPS
· Snubber Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
TC = 115°C
10
A
IFSM
Non-repetitive Peak Surge Current
tp = 10ms
100
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3
℃
/W
TO-220C Package
3
1
2


Similar Part No. - BY233-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BY233-600 STMICROELECTRONICS-BY233-600 Datasheet
79Kb / 5P
FAST RECOVERY RECTIFIER DIODES
Aug-1998
logo
New Jersey Semi-Conduct...
BY233-600A NJSEMI-BY233-600A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
More results

Similar Description - BY233-600

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
Fast Rectifier
1N3110 NJSEMI-1N3110 Datasheet
97Kb / 1P
Fast Rectifier
1N3122 NJSEMI-1N3122 Datasheet
83Kb / 1P
Fast Rectifier
1N3666 NJSEMI-1N3666 Datasheet
79Kb / 1P
Fast Rectifier
1N3892 NJSEMI-1N3892 Datasheet
243Kb / 1P
Fast Rectifier
1N4250 NJSEMI-1N4250 Datasheet
70Kb / 1P
FAST RECTIFIER
1N4534 NJSEMI-1N4534 Datasheet
78Kb / 1P
FAST RECTIFIER
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
FAST RECTIFIER
logo
Solid States Devices, I...
RF0017 SSDI-RF0017_15 Datasheet
202Kb / 2P
FAST RECTIFIER
logo
Inchange Semiconductor ...
FEP16GT ISC-FEP16GT Datasheet
281Kb / 2P
Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com