Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C1024 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM27C1024
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM27C1024 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024 Datasheet HTML 9Page - Advanced Micro Devices AM27C1024 Datasheet HTML 10Page - Advanced Micro Devices AM27C1024 Datasheet HTML 11Page - Advanced Micro Devices AM27C1024 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Am27C1024
PHYSICAL DIMENSIONS
PL 044—44-Pin Plastic Leaded Chip Carrier (measured in inches)
l
REVISION SUMMARY FOR AM27C1024
Revision J
Global
Changed formatting to match current data sheets.
Distinctive Characteristics
Low power consumption: Changed 100 µA to 20 µA.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Flashrite is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
TOP VIEW
SEATING PLANE
.685
.695
.650
.656
Pin 1 I.D.
.685
.695
.650
.656
.026
.032
.050 REF
.042
.056
.062
.083
.013
.021
.590
.630
.500
REF
.009
.015
.165
.180
.090
.120
16-038-SQ
PL 044
EC80
11.3.97 lv
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com