Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX34 Datasheet(PDF) 2 Page - Seme LAB

Part # BFX34
Description  HIGH CURRENT GENERAL PURPOSE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX34 Datasheet(HTML) 2 Page - Seme LAB

  BFX34 Datasheet HTML 1Page - Seme LAB BFX34 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
µA
V
−
MHz
pF
µs
0.02
10
0.05
10
120
60
6
0.4
1
1.3
1.6
100
75
40
80
150
70
100
300
500
40
100
0.6
1.2
VCE = 60V
VBE = 0
VEB = 4V
IC = 0
IC = 5mA
IE = 0
IC = 100mA
IB = 0
IE = 1mA
IC = 0
IC = 5A
IB = 0.5A
IC = 5A
IB = 0.5A
IC = 1A
VCE = 2V
IC = 1.5A
VCE = 0.6V
IC = 2A
VCE = 2V
IC = 0.5A
VCE = 5V
f = 20MHz
IC = 0
VEB = 0.5V
f = 1MHz
VCB = 10V
IE = 0
f = 1MHz
VCC = 20V
IC = 0.5A
IB1 = – IB2= 0.5A
BFX34
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
ICES
Collector Cut-off Current
IEBO
Emitter Cut-off Current
V(BR)CBO*
Collector – Base Breakdown Voltage
VCEO(sus)* Collector – Emitter Sustaining Voltage
VEBO*
Emitter– Base Voltage
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT*
Transition Frequency
CEBO
Emitter – Base Capacitance
CCBO
Collector – Base Capacitance
ton
Turn on Time
toff
Turn off Time
* Pulse Duration
= 300µs,duty cycle ≤ 2%.
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction – Case
35
°C/W
RθJA
Thermal Resistance Junction – Ambient
200
°C/W
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5569
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com