Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2821/6 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2821/6
Description  24 (19/36) AWG Silver Plated Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2821/6 Datasheet(HTML) 1 Page - Alpha Wire

  2821/6 Datasheet HTML 1Page - Alpha Wire 2821/6 Datasheet HTML 2Page - Alpha Wire 2821/6 Datasheet HTML 3Page - Alpha Wire 2821/6 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 2821/6
Construction
 
Diameters (In)
1) Component 1
6 X 1 COND
 
a) Conductor
24 (19/36) AWG Silver Plated Copper
0.025
b) Insulation
0.010" Wall, Nom. PTFE
0.044
(1) Color Code
Alpha Wire Color Code G
Cond
Color
Cond
Color
Cond
Color
1
WHITE
3
RED
5
YELLOW
2
BLACK
4
GREEN
6
BLUE
2) Cable Assembly
6 Components Cabled
 
a) Twists:
6.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Shield
Silver Platted Copper BRAID Shield,90% Coverage, Min.
 
4) Jacket
0.012" Wall, Nom.,PTFE Tape
0.182 (0.200 Max.)
a) Color(s)
WHITE
Applicable Specifications
1) Military
 
 
a) Component 1
MIL-W-16878/4 (Type E)
200°C / 600 VRMS
2) Other
 
 
a) Component 1
NEMA HP3-EXBEE
200°C / 600 VRMS
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 2821/6

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2821/2 ALPHAWIRE-2821/2 Datasheet
406Kb / 4P
24 (19/36) AWG Silver Plated Copper
2821/3 ALPHAWIRE-2821/3 Datasheet
406Kb / 4P
24 (19/36) AWG Silver Plated Copper
2821/4 ALPHAWIRE-2821/4 Datasheet
407Kb / 4P
24 (19/36) AWG Silver Plated Copper
2821/5 ALPHAWIRE-2821/5 Datasheet
406Kb / 4P
24 (19/36) AWG Silver Plated Copper
More results

Similar Description - 2821/6

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com