Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7280QR-C72-R Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # DCS-7280QR-C72-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280QR-C72-R Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button DCS-7280QR-C72-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7280QR-C72-R Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
7280R Series | Features
Extensibility
• Linux Tools
• Bash shell access and scripting
• RPM support
• Custom kernel modules
• Software De ned Networking (SDN)
• eAPI
• OpenStack Neutron Support
• Programmatic access to system state
• Python
• Chef
• Puppet
• C++
• eAPI
• GO
• OpenCon g
• OpenStack Neutron Plug-in support
• Native KVM/QEMU support
System Scalability
• 9216 Byte Jumbo Frame Support
• 8 Priority Queues per Port
• 1152 Link Aggregation Groups (LAG)
• 32 Ports per LAG
• Virtual Output Queueing
• Distributed Scheduler
• WFQ, CIR*, ETS*, Fixed Priority
Standards Compliance
• 802.1D Bridging and Spanning Tree
• 802.1p QOS/COS
• 802.1Q VLAN Tagging
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• 802.1AB Link Layer Discovery Protocol
• 802.3ad Link Aggregation with LACP
• 802.3x Flow Control
• 802.3ab 1000BASE-T
• 802.3z Gigabit Ethernet
• 802.3ae 10 Gigabit Ethernet
• 802.3by 25 Gigabit Ethernet
• 802.3ba 40 Gigabit Ethernet
• 802.3ba 100 Gigabit Ethernet
• RFC 2460 Internet Protocol, Version 6 (IPv6) Speci cation
• RFC 2461 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 2462 IPv6 Stateless Address Autocon guration
• RFC 2463 Internet Control Message Protocol (ICMPv6) for the
Internet Protocol Version 6 (IPv6) Speci cation
• IEEE 1588-2008 Precision Time Protocol
SNMP MIBs
• RFC 3635 EtherLike-MIB
• RFC 3418 SNMPv2-MIB
• RFC 2863 IF-MIB
• RFC 2864 IF-INVERTED-STACK-MIB
• RFC 2096 IP-FORWARD-MIB
• RFC 4363 Q-BRIDGE-MIB
• RFC 4188 BRIDGE-MIB
• RFC 2013 UDP-MIB
• RFC 2012 TCP-MIB
• RFC 2011 IP-MIB
• RFC 2790 HOST-RESOURCES-MIB
• RFC 3636 MAU-MIB
• RMON-MIB
• RMON2-MIB
• HC-RMON-MIB
• LLDP-MIB
• LLDP-EXT-DOT1-MIB
• LLDP-EXT-DOT3-MIB
• ENTITY-MIB
• ENTITY-SENSOR-MIB
• ENTITY-STATE-MIB
• ARISTA-ACL-MIB
• ARISTA-QUEUE-MIB
• RFC 4273 BGP4-MIB
• RFC 4750 OSPF-MIB
• ARISTA-CONFIG-MAN-MIB
• ARISTA-REDUNDANCY-MIB
• RFC 2787 VRRPv2MIB
• MSDP-MIB
• PIM-MIB
• IGMP-MIB
• IPMROUTE-STD-MIB
• SNMP Authentication Failure trap
• ENTITY-SENSOR-MIB support for DOM (Digital Optical
Monitoring)
• User con gurable custom OIDs
See EOS release notes for latest supported MIBs
Scale Comparison 1
7280R
7280RA
7280R2
7280R2A
7280R2K
MAC Addresses
768K
768K
768K
768K
768K
IPv4 Host Routes
768K
768K
768K
768K
768K
IPv6 Unicast Host Routes
768K
768K
768K
768K
768K
IPv4 Unicast LPM Routes
Over 1M
Over 1M
1.3M
1.3M
2M
IPv6 Unicast LPM Routes
928K
928K
1M
1M
1.4M
Multicast Routes
Up to 768K
Up to 768K
Up to 768K
Up to 768K
Up to 768K
ACL Entries per Forwarding Engine
24K
24K
24K
24K
24K
1. Maximum values dependent on shared resources in some cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com