Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8663ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8663ACPZ-R2
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8663ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AD8663/AD8667/AD8669
Data Sheet
Rev. D | Page 12 of 15
0
–20
–40
–60
–80
–100
–120
–140
–160
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±2.5V
TA = 25°C
20kΩ
2kΩ
Figure 41. Channel Separation vs. Frequency
0
–20
–40
–60
–80
–100
–120
–140
–160
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±8V
TA = 25°C
20kΩ
2kΩ
Figure 42. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com