Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500-DC-R Datasheet(PDF) 15 Page - Arista Networks, Inc

Part # PWR-500-DC-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500-DC-R Datasheet(HTML) 15 Page - Arista Networks, Inc

Back Button PWR-500-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 16Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
7280R Spares| Ordering Information
Optional Components and Spares
Product Number Product Description
LIC-FIX-3-E
Enhanced L3 License for Arista Group 3 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-3-V
Virtualization license for Group 3 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-3-V2
EOS Extensions, Security and Partner Integration license for Arista Group 3 Fixed switches
LIC-FIX-3-Z
Monitoring & Automation license for Arista Group 3 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-3-FLX-L
FLX-Lite License for Arista Fixed switches Group 3 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no TE
or link/node protection)
LIC-FIX-4-E
Enhanced L3 License for Arista Group 4 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-4-V
Virtualization license for Group 4 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-4-V2
EOS Extensions, Security and Partner Integration license for Arista Group 4 Fixed switches
LIC-FIX-4-Z
Monitoring & Automation license for Arista Group 4 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-4-FLX-L
FLX-Lite License for Arista Fixed switches Group 4 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no TE
or link/node protection)
LIC-FIX-2-FLX
FLX License for Arista Fixed Group 2 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR, with
TE & link/node protection
LIC-FIX-3-FLX
FLX License for Arista Fixed Group 3 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR, with
TE & link/node protection
LIC-FIX-3-FLX
FLX License for Arista Fixed Group 3 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR, with
TE & link/node protection
LIC-FIX-4-FLX
FLX License for Arista Fixed Group 4 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR, with
TE & link/node protection
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X and 7280R 1RU Switches (front-to-rear air ow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X and 7280R 1RU Switches (rear-to-front air ow)
PWR-500-DC-F
Spare 500 Watt DC power supply for Arista 7050X and 7280R 1RU Switches (front-to-rear air ow)
PWR-500-DC-R
Spare 500 Watt DC power supply for Arista 7050X and 7280R 1RU Switches (rear-to-front air ow)
PWR-745AC-F
Spare 750 Watt AC power supply for Arista 7060X and 7280QR Series Switches (front-to-rear air ow)
PWR-745AC-R
Spare 750 Watt AC power supply for Arista 7060X and 7280QR Series Switches (rear-to-front air ow)
PWR-747AC-RED
Spare 750 Watt AC power supply for Arista 7280R Switches (front-to-rear air ow)
PWR-747AC-BLUE
Spare 750 Watt AC power supply for Arista 7280R Switches (rear-to-front air ow)
PWR-1600AC-F
Spare 1600W AC power supply for Arista 7000 Series 1U switches (front to rear air ow (7280CR2A-30 and 7280CR2K-30)
PWR-1611-DC-RED
Spare 1600W DC power supply for Arista 7000 Series 1U switches (front to rear air ow) (7280CR2A-30 and 7280CR2K-30)
PWR-1900AC-F
Spare 1900 Watt AC power supply for Arista 7260CX and 7280R Series Switches (front-to-rear air ow)
PWR-1900AC-R
Spare 1900 Watt AC power supply for Arista 7260CX and 7280R Series Switches (rear-to-front air ow)
PWR-1900-DC-F
Spare 1900W DC Power Supply for 7260X and 7280R Series Series Switches (front to rear air ow)
PWR-1900-DC-R
Spare 1900W DC Power Supply for 7260X and 7280R Series Series Switches (rear-to-front air ow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com