Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8666ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8666ARMZ
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8666ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8666ARMZ Datasheet HTML 1Page - Analog Devices AD8666ARMZ Datasheet HTML 2Page - Analog Devices AD8666ARMZ Datasheet HTML 3Page - Analog Devices AD8666ARMZ Datasheet HTML 4Page - Analog Devices AD8666ARMZ Datasheet HTML 5Page - Analog Devices AD8666ARMZ Datasheet HTML 6Page - Analog Devices AD8666ARMZ Datasheet HTML 7Page - Analog Devices AD8666ARMZ Datasheet HTML 8Page - Analog Devices AD8666ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings ............................................................5
Thermal Resistance.......................................................................5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Outline Dimensions....................................................................... 12
Ordering Guide .......................................................................... 14
REVISION HISTORY
7/11—Rev. A to Rev. B
Change to Features and General Description Sections ............... 1
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide .......................................................... 13
Added Automotive Products Section........................................... 13
10/06—Rev. 0 to Rev. A
Added AD8665 ...................................................................Universal
Added New Figure 1 and Figure 2,
Renumbered Sequentially................................................................ 1
Changes to Table 4............................................................................ 5
Changes to Figure 8, Figure 9, and Figure 11 ............................... 6
Change to Figure 40 ....................................................................... 11
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide .......................................................... 13
4/06—Rev 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com