Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1WYRJZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4851-1WYRJZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1WYRJZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4851-1WYRJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 17 of 24
CIRCUIT DESCRIPTION
The ADA4851-1/ADA4851-2/ADA4851-4 feature a high slew
rate input stage that is a true single-supply topology, capable of
sensing signals at or below the negative supply rail. The rail-to-
rail output stage can pull within 60 mV of either supply rail when
driving light loads and within 0.17 V when driving 150 Ω. High
speed performance is maintained at supply voltages as low as 2.7 V.
HEADROOM CONSIDERATIONS
These amplifiers are designed for use in low voltage systems.
To obtain optimum performance, it is useful to understand the
behavior of the amplifiers as input and output signals approach
the headroom limits of the amplifiers. The input common-mode
voltage range of the amplifiers extends from the negative supply
voltage (actually 200 mV below the negative supply), or from
ground for single-supply operation, to within 2.2 V of the positive
supply voltage. Therefore, at a gain of 3, the amplifiers can
provide full rail-to-rail output swing for supply voltages as low
as 3.3 V and down to 3 V for a gain of 4.
Exceeding the headroom limit is not a concern for any inverting
gain on any supply voltage as long as the reference voltage at the
positive input of the amplifier lies within the input common- mode
range of the amplifier.
The input stage is the headroom limit for signals approaching
the positive rail. Figure 40 shows a typical offset voltage vs. the
input common-mode voltage for the ADA4851-1/ADA4851-2/
ADA4851-4 amplifiers on a ±5 V supply. Accurate dc performance
is maintained from approximately 200 mV below the negative
supply to within 2.2 V of the positive supply. For high speed
signals, however, there are other considerations. Figure 41
shows −3 dB bandwidth vs. input common-mode voltage for a
unity-gain follower. As the common-mode voltage approaches
2 V of positive supply, the amplifier responds well but the
bandwidth begins to drop as the common-mode voltage
approaches the positive supply. This can manifest itself in
increased distortion or settling time. Higher frequency signals
require more headroom than the lower frequencies to maintain
distortion performance.
600
580
560
540
520
500
480
460
440
–6
–5
–4
–3
–2
–1
0
1
2
3
4
VCM (V)
Figure 40. VOS vs. Common-Mode Voltage, VS = ±5 V
–6
–5
–4
–3
–2
–1
0
1
0.1
10
1
100
FREQUENCY (MHz)
2
1000
G = +1
RL = 1kΩ
VS = 5V
VCM = 3.0V
VCM = 3.1V
VCM = 3.2V
VCM = 3.3V
Figure 41. Unity-Gain Follower Bandwidth vs. Input Common-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com