Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8668WARUZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8668WARUZ-R7
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8668WARUZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8668WARUZ-R7 Datasheet HTML 2Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 3Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 4Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 5Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 6Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 7Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 8Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 9Page - Analog Devices AD8668WARUZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Input Offset Voltage Distribution
Figure 8. VOS Drift (TCVOS) Distribution
Figure 9. Offset Voltage vs. Common-Mode Voltage
Figure 10. Input Bias Current vs. Temperature
Figure 11. Output Saturation Voltage vs. Load Current
Figure 12. Output Saturation Voltage vs. Temperature
100
0
–3
3
INPUT OFFSET VOLTAGE (mV)
90
80
70
60
50
40
30
20
10
–2
–1
0
1
2
VDD = 16V
VCM = 8V
TA = 25°C
600 AMPLIFIERS
20
0
0
12
TCVOS (µV/°C)
18
16
14
12
10
8
6
4
2
1
2
3
4
5
6
7
8
9
10
11
VDD = 16V
VCM = 8V
–40°C < TA < +125°C
300 AMPLIFIERS
5
–5
–1
15
INPUT COMMON-MODE VOLTAGE (V)
4
3
2
1
0
–1
–2
–3
–4
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
VDD = 16V
TA = 25°C
TEMPERATURE (°C)
–40
0
300
250
200
150
100
50
120
100
80
40
60
20
0
–20
VS = 5V AND 16V
10000
0.1
0.001
100
LOAD CURRENT (mA)
0.01
0.1
1
10
1
10
100
1000
VDD = 16V
TA = 25°C
VDD TO VOH
SOURCING
VOL
SINKING
100
0
–40
120
TEMPERATURE (°C)
80
60
40
20
–20
0
20
40
60
80
100
VDD = 16V
IOUT = 1mA
VDD TO VOH
SOURCING
VOL
SINKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com