Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4853-3YCPZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4853-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Data Sheet
Rev. G | Page 10 of 20
–20
–90
–80
–70
–60
–50
–40
–30
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 5V
Figure 19. Common-Mode Rejection vs. Frequency
0
–100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
+PSR
–PSR
VS = 5V
GAIN = +2
RTO
Figure 20. Power Supply Rejection vs. Frequency
1000
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 5V
G = +1
Figure 21. Output Impedance vs. Frequency Enabled
10M
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
VS = 5V
G = +1
ADA4853-3
ADA4853-1/
ADA4853-2
Figure 22. Output Impedance vs. Frequency Disabled
FREQUENCY (MHz)
–40
–50
–70
–60
–80
–90
–100
–110
0.1
1
10
G = +2
VS = 3V
VOUT = 2V p-p
RL = 1kΩ HD3
RL = 1kΩ HD2
RL = 150Ω HD3
RL = 150Ω HD2
Figure 23. Harmonic Distortion vs. Frequency
G = +2
VS = 5V
VOUT = 2V p-p
RL = 1kΩ HD3
RL = 1kΩ HD2
RL = 150Ω HD2
RL = 150Ω HD3
–40
–50
–70
–60
–80
–90
–100
–120
–110
0.1
1
10
FREQUENCY (MHz)
Figure 24. Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com