Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484S Datasheet(PDF) 2 Page - Analog Devices

Part # OP484S
Description  Precision, Rail to Rail Input and Output, Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484S Datasheet(HTML) 2 Page - Analog Devices

  OP484S Datasheet HTML 1Page - Analog Devices OP484S Datasheet HTML 2Page - Analog Devices OP484S Datasheet HTML 3Page - Analog Devices OP484S Datasheet HTML 4Page - Analog Devices OP484S Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OP484S
ASD0012518 Rev. I | Page 2 of 5
3.3
Absolute Maximum Ratings 1/
Supply Voltage .......................................................................................
±18V
Differential Input Voltage ........................................................................
±0.6V
Input Voltage
....................................................................................... ±18V
Output Short Circuit Duration .................................................................
Indefinite
Storage Temperature Range .................................................................
-65
°C to +150°C
Operating Temperature Range ..............................................................
-55
°C to +125°C
Junction Temperature (TJ).............................................................. .........
+150°C
Absolute Maximum Ratings Notes:
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the maximum levels
may degrade performance and affect reliability.
4.0
Die Qualification
In accordance with class-K version of MIL-PRF-38534, Appendix C, Table C-II, except as
modified herein.
(a) Qual Sample Size and Qual Acceptance Criteria – 10/0
(b) Qual Sample Package – DIP
(c) Pre-screen electrical test over temperature performed post-assembly prior to die qualification.
Table I - Dice Electrical Characteristics
Parameter
Symbol
Conditions
1/
Limit
Min
Limit
Max
Units
VS = +5V, VCM = 2.5V
Input Offset Voltage
VOS
200
µV
Input Offset Current
IOS
2/
50
nA
Input Bias Current
IB
2/
350
nA
Input Voltage Range
IVR
1
4
V
Common Mode Rejection Ratio
CMRR
VCM = IVR
86
dB
Output High Voltage
VOH
IL = 1mA
4.8
V
Output Low Voltage
VOL
IL = 1mA
125
mV
Large Signal Voltage Gain
AVO
RL ≥ 2kΩ
VOUT = 1V to 4V
50
V/mV
Supply Current 3/
ISY
VOUT = 2.5V
5.8
mA
VS = ±15V, VCM = 0V
Input Offset Voltage
VOS
150
µV
Input Offset Current
IOS
50
nA
Input Bias Current
IB
350
nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com