Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6248IMSPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6248IMSPBF
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248IMSPBF Datasheet(HTML) 3 Page - Analog Devices

  LTC6248IMSPBF Datasheet HTML 1Page - Analog Devices LTC6248IMSPBF Datasheet HTML 2Page - Analog Devices LTC6248IMSPBF Datasheet HTML 3Page - Analog Devices LTC6248IMSPBF Datasheet HTML 4Page - Analog Devices LTC6248IMSPBF Datasheet HTML 5Page - Analog Devices LTC6248IMSPBF Datasheet HTML 6Page - Analog Devices LTC6248IMSPBF Datasheet HTML 7Page - Analog Devices LTC6248IMSPBF Datasheet HTML 8Page - Analog Devices LTC6248IMSPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC6246/LTC6247/LTC6248
3
Rev C
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6246CS6#TRMPBF
LTC6246CS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6246IS6#TRMPBF
LTC6246IS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6246HS6#TRMPBF
LTC6246HS6#TRPBF
LTDWF
6-Lead Plastic TSOT-23
–40°C to 125°C
OBSOLETE
LTC6247CKC#TRMPBF
LTC6247CKC#TRPBF
DWJT
8-Lead (2mm × 2mm × 0.6mm) UTDFN 0°C to 70°C
LTC6247IKC#TRMPBF
LTC6247IKC#TRPBF
DWJT
8-Lead (2mm × 2mm × 0.6mm) UTDFN –40°C to 85°C
LTC6247CMS8#PBF
LTC6247CMS8#TRPBF
LTDWH
8-Lead Plastic MSOP
0°C to 70°C
LTC6247IMS8#PBF
LTC6247IMS8#TRPBF
LTDWH
8-Lead Plastic MSOP
–40°C to 85°C
LTC6247CTS8#TRMPBF
LTC6247CTS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
0°C to 70°C
LTC6247ITS8#TRMPBF
LTC6247ITS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6247HTS8#TRMPBF
LTC6247HTS8#TRPBF
LTDWK
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC6247CMS#PBF
LTC6247CMS#TRPBF
LTDWM
10-Lead Plastic MSOP
0°C to 70°C
LTC6247IMS#PBF
LTC6247IMS#TRPBF
LTDWM
10-Lead Plastic MSOP
–40°C to 85°C
LTC6247CDC#TRMPBF
LTC6247CDC#TRPBF
LGVN
8-Lead (2mm × 2mm × 0.8mm) DFN
0°C to 70°C
LTC6247IDC#TRMPBF
LTC6247IDC#TRPBF
LGVN
8-Lead (2mm × 2mm × 0.8mm) DFN
–40°C to 85°C
LTC6248CMS#PBF
LTC6248CMS#TRPBF
6248
16-Lead Plastic MSOP
0°C to 70°C
LTC6248IMS#PBF
LTC6248IMS#TRPBF
6248
16-Lead Plastic MSOP
–40°C to 85°C
LTC6248HMS#PBF
LTC6248HMS#TRPBF
6248
16-Lead Plastic MSOP
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Consult ADI Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
l
–500
–1000
50
500
1000
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–2.5
–3
0.1
2.5
3
mV
mV
∆VOS
Input Offset Voltage Match
(Channel-to-Channel) (Note 8)
VCM = Half Supply
l
–600
–1000
50
600
1000
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–3.5
–4
0.1
3.5
4
mV
mV
VOS TC
Input Offset Voltage Drift
l
–2
µV/°C
IB
Input Bias Current (Note 7)
VCM = Half Supply
l
–350
–550
–30
350
550
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
100
0
400
1000
1500
nA
nA
http://www.linear.com/product/LTC6246#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com