Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP481GS
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP481GS Datasheet HTML 3Page - Analog Devices OP481GS Datasheet HTML 4Page - Analog Devices OP481GS Datasheet HTML 5Page - Analog Devices OP481GS Datasheet HTML 6Page - Analog Devices OP481GS Datasheet HTML 7Page - Analog Devices OP481GS Datasheet HTML 8Page - Analog Devices OP481GS Datasheet HTML 9Page - Analog Devices OP481GS Datasheet HTML 10Page - Analog Devices OP481GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OP281/OP481
Rev. D | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.6
0.4
0.2
0
45
40
0
20
15
10
5
35
25
30
VS = 2.7V
TA = 25°C
INPUT OFFSET VOLTAGE (mV)
1.0
0.8
–0.6 –0.4 –0.2
–1.0 –0.8
Figure 5. Input Offset Voltage Distribution
0.6
0.4
0.2
0
50
45
40
0
20
15
10
5
35
25
30
VS = 5V
TA = 25°C
INPUT OFFSET VOLTAGE (mV)
1.0
0.8
–0.6 –0.4 –0.2
–1.0 –0.8
Figure 6. Input Offset Voltage Distribution
2000
600
0
1800
800
400
200
1600
1200
1400
1000
VS = 5V
100
80
60
TEMPERATURE (°C)
120
020
40
–40
–20
Figure 7. Input Offset Voltage vs. Temperature
0
–3.5
–5.0
–0.5
–3.0
–4.0
–4.5
–1.0
–2.0
–1.5
–2.5
VS = 5V
100
80
60
TEMPERATURE (°C)
120
020
40
–40
–20
Figure 8. Input Bias Current vs. Temperature
1.0
–2.0
–3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–1.5
–2.5
–3.0
0.5
–0.5
0
–1.0
VS = 5V
TA = 25°C
COMMON-MODE VOLTAGE (V)
Figure 9. Input Bias Current vs. Common-Mode Voltage
0.5
–0.1
–0.4
0
–0.2
–0.3
0.4
0.2
0.3
0.1
VS = 5V
100
80
60
TEMPERATURE (°C)
120
020
40
–40
–20
Figure 10. Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com