Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8475
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8475 Datasheet HTML 34Page - Analog Devices AD8475 Datasheet HTML 35Page - Analog Devices AD8475 Datasheet HTML 36Page - Analog Devices AD8475 Datasheet HTML 37Page - Analog Devices AD8475 Datasheet HTML 38Page - Analog Devices AD8475 Datasheet HTML 39Page - Analog Devices AD8475 Datasheet HTML 40Page - Analog Devices AD8475 Datasheet HTML 41Page - Analog Devices AD8475 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
LTC6363 Family
40
Rev. C
For more information www.analog.com
PACKAGE DESCRIPTION
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.30 ±0.05
(4 SIDES)
2.10 ±0.05
3.50 ±0.05
0.70 ±0.05
0.25 ±0.05
0.50 BSC
PACKAGE OUTLINE
3.00 ±0.05
(4 SIDES)
NOTE:
1. DRAWING NOT TO SCALE
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
BOTTOM VIEW—EXPOSED PAD
1.30 ± 0.10
(4-SIDES)
0.75 ±0.05
0.45 REF
R = 0.115
TYP
0.23 ±0.05
1
PIN 1 R = 0.10 TYP
15 16
2
0.50 BSC
0.10 REF
0.00 – 0.05
(RD16) LFCSP 1218 REV B
RD Package
16-Lead Plastic LFCSP (3mm × 3mm)
(Reference LTC DWG # 05-08-1648 Rev B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com