Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6003 Datasheet(PDF) 21 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT6003 Datasheet HTML 17Page - Analog Devices LT6003 Datasheet HTML 18Page - Analog Devices LT6003 Datasheet HTML 19Page - Analog Devices LT6003 Datasheet HTML 20Page - Analog Devices LT6003 Datasheet HTML 21Page - Analog Devices LT6003 Datasheet HTML 22Page - Analog Devices LT6003 Datasheet HTML 23Page - Analog Devices LT6003 Datasheet HTML 24Page - Analog Devices LT6003 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2063/LTC2064/LTC2065
21
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
90V High Side Current Sense
This micropower precision LTC2063 high side current
sense circuit measures currents from 100μA to 250mA
over a 4.5V to 90V input voltage range.
The output of this circuit is:
VOUT =
ROUT •RSHUNT
RIN
ISENSE = 500 •ISENSE
The LTC2063’s low typical input offset voltage of 1μV and
low input bias current of 3pA contribute output errors
that are much smaller than the error due to precision
limitations of the resistors used. Thus, output accuracy
is mainly set by the accuracy of the resistors RSENSE, RIN,
and ROUT.
The LT1389-4.096V reference, along with the bootstrap
circuit composed of M2, R3, and D1, establishes a very
low power isolated 3V rail that protects the LTC2063 from
reaching its absolute maximum voltage of 5.5V while
allowing for much higher input voltages.
Since the LTC2063’s gain-bandwidth product is 20kHz,
it is recommended to use this circuit to measure sig-
nals that are 2kHz or slower. Note that the output filter as
drawn will limit the frequency to 1.5Hz, which optimizes
for lowest noise. If this output filter bandwidth is too nar-
row, removing C2 leads to an output filter with 318Hz
bandwidth, created by C3 and ROUT.
VOUT = 10 • ISENSE
1mV TO 2.5V
VIN
4.5V TO 90V
2063 F11
R1
49.9
0.1%
D1
1N4148
REF
LT1389-4.096
C1
3.3µF
C2
22µF
C3
100nF
C4
10µF
R3
499k
R2
100k
RSENSE
0.1
ROUT
4.99k
0.1%
BSP322P
M1
RIN
49.9
0.1%
BSP322P
M2
ISENSE
100µA TO 250mA
LOAD
LTC2063
Figure 11. High Side Current Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com