Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6004 Datasheet(PDF) 16 Page - Analog Devices

Part # LT6004
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6004 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT6004 Datasheet HTML 12Page - Analog Devices LT6004 Datasheet HTML 13Page - Analog Devices LT6004 Datasheet HTML 14Page - Analog Devices LT6004 Datasheet HTML 15Page - Analog Devices LT6004 Datasheet HTML 16Page - Analog Devices LT6004 Datasheet HTML 17Page - Analog Devices LT6004 Datasheet HTML 18Page - Analog Devices LT6004 Datasheet HTML 19Page - Analog Devices LT6004 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC2063/LTC2064/LTC2065
16
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Many circuit designs require high feedback impedances
to minimize power consumption and/or require a sensor
which is intrinsically high impedance. In these cases, a
capacitor can be used, either at the input or across the
feedback resistor, to limit the bandwidth of the closed-
loop system. Doing so will effectively filter out the clock
feedthrough signal.
Thermocouple Effects
In order to achieve accuracy on the microvolt level, ther-
mocouple effects must be considered. Any connection
of dissimilar metals forms a thermoelectric junction and
generates a small temperature-dependent voltage. Also
known as the Seebeck Effect, these thermal EMFs can be
the dominant error source in low-drift circuits.
Connectors, switches, relay contacts, sockets, resistors,
and solder are all candidates for significant thermal EMF
generation. Even junctions of copper wire from different
manufacturers can generate thermal EMFs of 200nV/°C,
which significantly exceeds the maximum drift specifica-
tion of the LTC2063/LTC2064/LTC2065. Figures 2 and 3
illustrate the potential magnitude of these voltages and
their sensitivity to temperature.
In order to minimize thermocouple-induced errors, atten-
tion must be given to circuit board layout and component
selection. It is good practice to minimize the number of
junctions in the amplifier’s input signal path and avoid con-
nectors, sockets, switches, and relays whenever possible.
If such components are required, they should be selected
for low thermal EMF characteristics. Furthermore, the num-
ber, type, and layout of junctions should be matched for
both inputs with respect to thermal gradients on the cir-
cuit board. Doing so may involve deliberately introducing
dummy junctions to offset unavoidable junctions.
Air currents can also lead to thermal gradients and cause
significant noise in measurement systems. It is important
to prevent airflow across sensitive circuits. Doing so will
often reduce thermocouple noise substantially. A sum-
mary of techniques can be found in Figure 4.
Leakage Effects
Leakage currents into high impedance signal nodes can
easily degrade measurement accuracy of sub-nanoamp
signals. High voltage and high temperature applications
are especially susceptible to these issues. Quality insu-
lation materials should be used, and insulating surfaces
should be cleaned to remove fluxes and other residues.
For humid environments, surface coating may be neces-
sary to provide a moisture barrier.
TEMPERATURE (°C)
25
1.8
2.4
3.0
2.8
2.6
2.0
2.2
1.4
1.6
0.8
1.0
0.2
0.4
30
40
45
2063 F02
1.2
0.6
0
35
Figure 2. Thermal EMF Generated by Two Copper
Wires from Different Manufacturers
SOLDER-COPPER JUNCTION DIFFERENTIAL TEMPERATURE
SOURCE: NEW ELECTRONICS 02-06-77
0
0
50
40
2063 F03
–50
–100
10
20
30
50
100
SLOPE ≈ 1.5µV/°C
BELOW 25°C
SLOPE ≈ 160nV/°C
BELOW 25°C
64% SN/36% Pb
60% Cd/40% SN
Figure 3. Solder-Copper Thermal EMFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com