Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC923L Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC923L
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L Datasheet(HTML) 2 Page - Sharp Corporation

  PC923L Datasheet HTML 1Page - Sharp Corporation PC923L Datasheet HTML 2Page - Sharp Corporation PC923L Datasheet HTML 3Page - Sharp Corporation PC923L Datasheet HTML 4Page - Sharp Corporation PC923L Datasheet HTML 5Page - Sharp Corporation PC923L Datasheet HTML 6Page - Sharp Corporation PC923L Datasheet HTML 7Page - Sharp Corporation PC923L Datasheet HTML 8Page - Sharp Corporation PC923L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
■ Internal Connection Diagram
8
7
6
5
1
2
3
4
1
2
3
4
5
6
7
8
Interface
Amp.
NC
Anode
Cathode
NC
GND
O1
O2
VCC
2
Sheet No.: D2-A06001EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC923L0NSZ]
2. Through-Hole (VDE0884 option) [ex. PC923L0YSZ]
PC923L
Primary side
mark
Date code
SHARP
mark
"S"
2.54±
0.25
8
7
6
5
0.85±
0.2
1.2±
0.3
9.66±
0.5
0.5±
0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62±
0.3
0.26±
0.1
Epoxy resin
VDE0884 Identification mark
2.54±
0.25
8
7
6
5
0.85±
0.2
1.2±
0.3
9.66±
0.5
0.5±
0.1
1
2
3
θ
θ
θ:0 to 13˚
7.62±
0.3
0.26±
0.1
Epoxy resin
Primary side
mark
Date code
PC923L
4
SHARP
mark
"S"
4
PC923L0NSZ Series
■ Truth table
Input
ON
OFF
O2 Terminal output
High level
Low level
Tr. 1
ON
OFF
Tr. 2
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com