Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E4D02120E Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # E4D02120E
Description  SIC Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

E4D02120E Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  E4D02120E Datasheet HTML 1Page - Inchange Semiconductor Company Limited E4D02120E Datasheet HTML 2Page - Inchange Semiconductor Company Limited E4D02120E Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7034
eq E4D02120E
SIC Schottky Rectifier
www.iscsemi.com
1
DESCRIPTION
· Low Forward Voltage (VF) Drop with Positive
Temperature Coefficient
· Zero Reverse Recovery Current
ForwardRecovery Voltage
APPLICATIONS
· Automotive Power Converstion
· Boost Diodes in PFC
· Bootstrap Diode
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1200
V
VRMS
RMS Voltage
1200
V
VDC
DC Blocking Voltage
1200
V
IFAV
Average Forward Rectified Current
TVJ = 25℃
8
A
TVJ = 160℃
2
IFSM
Peak Forward Surge Current
tp = 10 ms,Half Sine Wave
TC = 25 ℃
11
A
TC = 110 ℃
7
Ptot
Power Dissipation
TVJ = 25℃
50
W
TVJ = 110℃
21
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
175
℃


Similar Part No. - E4D02120E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
E4D02120E WOLFSPEED-E4D02120E Datasheet
715Kb / 6P
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 0, OCTOBER 2021
More results

Similar Description - E4D02120E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com