Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069-U2 Datasheet(PDF) 1 Page - EMKA Beschlagteile GmbH & Co. KG

Part # 1069-U2
Description  120° hinge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMKA [EMKA Beschlagteile GmbH & Co. KG]
Direct Link  https://www.emka.com/en/company/
Logo EMKA - EMKA Beschlagteile GmbH & Co. KG

1069-U2 Datasheet(HTML) 1 Page - EMKA Beschlagteile GmbH & Co. KG

  1069-U2 Datasheet HTML 1Page - EMKA Beschlagteile GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Beschlagteile
®
© EMKA Beschlagteile GmbH & Co. KG • 2016 • www.emka.com
4A-120 10/07
120° hinge
for 20 mm door return
120° hinge for weld stud fastening
for 20 mm door return
Door part
Pin
Frame part
*Circlip
DIN 6799-4
*Circlip
DIN 6799-4
*Safety nut
M5
*Weld stud
M5x10
*not included
Further parts see page
Fixing material
12E-100
‒
120° hinge
PRoGRAM 1069
Hinge m.s.zinc plated; screw-on
Hinge m. s. zinc plated; weld-on
1069-U6
weld-on part m.s. raw
1069-U5
Hinge m.s. zinc pl. or stainl. steel, door part m.s. raw or AISI 304
screw-on m.s.
1069-U1
weld-on m.s.
1069-U2
screw-on AISI 304
1069-U4
weld-on AISI 304
1069-U3
*
*


Similar Part No. - 1069-U2

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1069-1 WINCHESTER-1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
logo
Kontron
1069-3055 KONTRON-1069-3055 Datasheet
1Mb / 4P
3.5" Single Board Computer with Intel® Atom® x7000(R)E Series
1069-5703 KONTRON-1069-5703 Datasheet
2Mb / 4P
11th Gen Intel® Core™ processor for AI*, CVGIP*, DSP* workloads
1069-5955 KONTRON-1069-5955 Datasheet
2Mb / 4P
11th Gen Intel® Core™ processor for AI*, CVGIP*, DSP* workloads
More results

Similar Description - 1069-U2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
DWA-50-125-Y-AB-G FESTO-DWA-50-125-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com