Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069326 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069326
Description  M23-12P2N8A80DUS - Cable connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069326 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069326 Datasheet HTML 1Page - PHOENIX CONTACT 1069326 Datasheet HTML 2Page - PHOENIX CONTACT 1069326 Datasheet HTML 3Page - PHOENIX CONTACT 1069326 Datasheet HTML 4Page - PHOENIX CONTACT 1069326 Datasheet HTML 5Page - PHOENIX CONTACT 1069326 Datasheet HTML 6Page - PHOENIX CONTACT 1069326 Datasheet HTML 7Page - PHOENIX CONTACT 1069326 Datasheet HTML 8Page - PHOENIX CONTACT 1069326 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
warm up. In this case, the user is responsible for posting
warnings (e.g. DIN EN ISO 13732-1:2008-12).
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
05
Connector
Insulating body
Note
Order information: Order crimp contacts Ø 1 mm separately
Coding
N
Insulation body material
PA 6.6
Insertion/withdrawal cycles
100
Connection method
Crimp connection
Contact switching type
Pin
Application
Signal
Number of positions
12
Direction of rotation
Counter direction
Connection profile
12
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts min.
0.08 mm²
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Note
for max. connection cross section
Rated voltage Signal contact
150 V
Rated surge voltage
2.5 kV
Overvoltage category
III
Degree of pollution
3
Installation height
2000 m
Housing
Housing material
GD-Zn
Type of locking
ONECLICK fast locking system
Pg screw connection
none
Degree of protection (plugged in)
IP66 / IP68 (2m / 24h) / IP69K
Thread type
M23
Seal
External cable diameter
3 mm ... 15 mm (Universal gasket)
Seal material
FKM
Environmental and real-life conditions
M23-12P2N8A80DUS - Cable connector
1069326
https://www.phoenixcontact.com/us/products/1069326
Aug 20, 2024, 5:08 AM
Page 3 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com