Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS5208 Datasheet(PDF) 1 Page - E-SWITCH

Part # JS5208
Description  NAVIGATION SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

JS5208 Datasheet(HTML) 1 Page - E-SWITCH

  JS5208 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES JS 5208 SWITCHES
Phone: 800-867-2717
Fax: 763-531-8235
48
NAVIGATION SWITCHES
Specifications subject to change without notice.
SERIES
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
5208
Q = Silver
MODEL NO.
JS
Example Ordering Number
JS_ 5208_ A_ Q
JS 5208
SPECIFICATIONS
Contact Rating:
20mA, 15VDC
Life Expectancy:
100,000 Cycles
Contact Resistance:
100m Ohms Max (initial)
Operating Force:
Tilt-280+/-100 grams
Push-500 +/-150 grams
Dielectric:
250VAC
Operating Temp:
-20C to +70C
Travel:
Tilt 8 degrees, Push 1.0 +/-0.2mm's
HOW TO ORDER
A = 1.55mm
FEATURES & BENEFITS
5-position navigation
Designed for SMT applications that
require navigation
APPLICATIONS/MARKETS
Consumer electronics where user
interface is needed
Handheld instrumentation
Navigation
Telecommunication
P.C. MOUNTING
SCHEMATIC
Position
Connected
Term. #
A1 - 4
B1 - 2
C1 - 6
D1 - 5
E (Push)
1 - 3


Similar Part No. - JS5208

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
JS5208 E-SWITCH-JS5208_16 Datasheet
1Mb / 1P
5 POSITION NAVIGATION
More results

Similar Description - JS5208

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
Analog Navigation Disc
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
Mobile Navigation Interface IC for Navigation Pad Module
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
Navigation Computer
logo
E-SWITCH
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
NAVIGATION SWITCHES
logo
Pixart Imaging Inc.
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
logo
E-SWITCH
JS1300 E-SWITCH-JS1300_16 Datasheet
2Mb / 1P
5 POSITION NAVIGATION
JS5208 E-SWITCH-JS5208_16 Datasheet
1Mb / 1P
5 POSITION NAVIGATION
logo
Suntsu Electronics, Inc...
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
Navigation Systems
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
Navigation Systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com