Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWB32WA-DI Datasheet(PDF) 1 Page - Micro Electronics

Part # MWB32WA-DI
Description  ULTRA HIGH BRIGHTNESS WHITE LED LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MWB32WA-DI Datasheet(HTML) 1 Page - Micro Electronics

  MWB32WA-DI Datasheet HTML 1Page - Micro Electronics MWB32WA-DI Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MWB32WA-DI
ULTRA HIGH
BRIGHTNESS
WHITE LED LAMP
DESCRIPTION
MWB32WA-DI
is
an
ultra
high
brightness
InGaN/GaN
white
LED
lamp encapsulated in a 3mm diameter
white diffused lens .
ABSOLUTE MAXIMUM RATINGS
Power Dissipation @ Ta=25°C
100mW
Forward Current, DC (IF)
30mA
Reverse Voltage
5V
Operating Temperature Range
-20 to +80°C
Storage Temperature Range
-30 to +100°C
Lead Soldering Temperature (1/16" from body)
260°C for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Voltage
VF
3.5
4.5
V
IF=20mA
Reverse Breakdown Voltage
BVR
5
V
IR=100µA
Viewing Angle
2θ 1/2
50
degree
IF=20mA
Luminous Intensity
IV
500
1500
mcd
IF=20mA
x
0.22
0.34
0.42
IF=20mA
y
0.22
0.34
0.42
IF=20mA
CAUTION
Static eletricity and surge damages the LED ,It is recommended to use a wrist band or anti-eletrostatic glove
when handling the LED . All devices,equipment and machinery must be properly groun
12/5/2003
Page 1 of 2
Chromaticity Coordinates
MICRO


Similar Part No. - MWB32WA-DI

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MWB32WA-3E MICRO-ELECTRONICS-MWB32WA-3E Datasheet
98Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
More results

Similar Description - MWB32WA-DI

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB49TA MICRO-ELECTRONICS-MGB49TA Datasheet
44Kb / 1P
ULTRA HIGH BRIGHTNESS LED LAMP
MWB51TA MICRO-ELECTRONICS-MWB51TA Datasheet
41Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
logo
AUK corp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
High Brightness White LED Lamp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
SW3372E-H AUK-SW3372E-H Datasheet
228Kb / 5P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
logo
Micro Electronics
MWB31TA-DI MICRO-ELECTRONICS-MWB31TA-DI Datasheet
107Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32TA-3E MICRO-ELECTRONICS-MWB32TA-3E Datasheet
98Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB51TA-DI MICRO-ELECTRONICS-MWB51TA-DI Datasheet
51Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB90TA-8I MICRO-ELECTRONICS-MWB90TA-8I Datasheet
79Kb / 2P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com