Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C4050ADE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7C4050ADE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
3
Data Sheet
PT7C4050
PLL with Integrated VCXO
Pin Description
Pin
Sym
Description
1
X1
Crystal oscillator connected between X1 and X2
2
VC
Control voltage input. It controls crystal oscillator (VCXO).
3
NC
Not connected.
4
AGND
Analog ground.
5
OPN
Negative input. terminal to internal operational amplifier.
6
OPOUT
Output. terminal of internal operational amplifier.
7
OPP
Positive input. terminal to internal operational amplifier.
8
S1
9
S2
10
S3
S1, S2, S3 Options for selectable divider N
11
LOS-IN1
(LOSIN)
TTL input. Internal pull down. Normally this pin is connected to OUT1 and selects REF-CLK1
input
12
PHO
Output. signal produced by phase detector of data.
13
REF-CLK1
(DATAIN)
Input clock signal. to phase detector
(TTL switching thresholds for recovering DATAIN)
14
FB-CLK
(CLKIN)
TTL switching thresholds input. Connected to external feedback clock.
15
DGND
Digital ground.
16
LOS
Loss of signal detection. for DATAIN input. Refer to LOS detection description.
17
RCLK
(CLK-OUT3)
Output recovered clock.
18
RDATA
(CLK-OUT4)
Output recovered data stream.
19
DVDD
Digital power supply.
20*1
CLK-OUT2
Output clock of internal VCXO frequency controlled by S3, S2, S1 while S4 set logic high
21
HIZ
TTL input. When set to a logic low, output pins CLK-OUT1, CLK-OUT2, RCLK, and RDATA
buffers are set to high-impedance state. When set to logic high or no connection, the device
functions and output pins CLK-OUT1, CLK-OUT2, RCLK, and RDATA etc. are active. This input
has an internal pull-up resistor.
22
CLK-OUT1
Output clock. of internal VCXO or half VCXO frequency, controlled by SEL-OUT1.
23*2
SEL-OUT1
CMOS input. ‘LO’ selects half of internal VCO frequency. ‘HI’ selects internal VCO frequency.
Internal pull up.
24
GND
Ground.
25
AVDD
(XT-VDD)
Analog power supply.
26
NC
Not connected.
27
NC
Not connected.
28
X2
Crystal oscillator connected between X1 and X2
Note:
*1: S3, S2, S1 option for selectable divider N, Please refer to Table 1
*2: SEL-OUT1 option for VCXO or half VCXO output freq. Please refer to Table 2
( ): For pin11/13/14/17/18/25, die option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com