Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2525 Datasheet(PDF) 2 Page - HD MicroSystems, Ltd

Part # PI2525
Description  Polyimide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDMS [HD MicroSystems, Ltd]
Direct Link  https://www.hdmicrosystems.com/
Logo HDMS - HD MicroSystems, Ltd

PI2525 Datasheet(HTML) 2 Page - HD MicroSystems, Ltd

  PI2525 Datasheet HTML 1Page - HD MicroSystems, Ltd PI2525 Datasheet HTML 2Page - HD MicroSystems, Ltd PI2525 Datasheet HTML 3Page - HD MicroSystems, Ltd PI2525 Datasheet HTML 4Page - HD MicroSystems, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Choice of Photoresist
Files of this type can be patterned using common
photolithography techniques centered around positive
photoresist. The underlying polyimide is an effective
anti-reflective layer as there is significant absorption
between 350nm and 450nm. This absorption can
significantly reduce substrate reflection effects on the
photoresist, usually seen as “notching“ after
development.
The photoresist should be selected with the correct
wavelength to suit the exposure tool in use. As a
general guide, formulations with good adhesion in
“wet etch“ semiconductor applications perform well.
Other attributes include:
•
Compatability to standard alkaline positive
photoresist developers
•
Low contrast performance so that a soft sidewall
profile is always produced
•
Capability to produce cleanly developed via holes
in thick resist coatings
•
Good development latitude, especially when
over-developed
•
The ease of producing a minimum dried 2.5 µm
film thickness
The coating after softbake has minimum solubility in
typical photoresist solvents. Photoresist can therefore
be coated directly onto the polyimide coating without
layer inter-mixing occuring.
Photoresist Application
Substrates should be coated directly with the resist
selected. No dehydration bake should be given as
this would make the polyimide totally insoluble in the
developer. Instead an HMDS vapor prime is
permissable if installed on-line but is not really
neccessary for good resist adhesion to the polyimide.
Once coated, the resist should be given a softbake at
90°C either in a convection oven for 30 minutes or on
a vacuum hotplate for 60 seconds. Once coated and
baked, coatings may be held up to 24 hours before
exposure.
Photoresist Exposure
Typical exposure: 50 mJ to 150 mJ
Once exposed, development should take place within
8 hours.
Spin Speed Curves for Cured Polyimide
Pyralin PI 2525/PI2574
(30 s spin; 120 s at 100°C
Cure: 30 min at 200°C + 30 min at 350°C)
5
7
9
11
13
2000
3000
4000
5000
Spin speed (rpm)
Spin Speed Curve Pyralin PI 2555
(30 s spin; 120 s at 100°C
Cure: 30 min at 200°C + 30 min at 350°C)
1.5
2.5
3.5
4.5
2000
3000
4000
5000
Spin speed (rpm)
Photoresist Development
Polyimide Precursor Etch
A single step is used to develop the photoresist and
etch the polyimide precursor.
Most alkaline positive resist developers will dissolve
both exposed photoresist and polyimide precursor at
varying rates. The choice of developer affects the
quality of the image after development. Best results
have been obtained using a NaOH based developer.
Thin layers up to around 5 µm can usually be
developed quickly and cleanly with developer which is
at ambient temperature. After development using a
spray or puddle technique, a water rinse should be
used to remove the developer. The substrate should
subsequently be spun until dry.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com