Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPOD80A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPOD80A
Description  80-Channels Dot Matrix Column/Row OLED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPOD80A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPOD80A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPOD80A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SPOD80A
6.3.2. Row driver
COL/ROW
0
0
0
0
0
0
1
1
1
1
Mode1
0/1
0/1
0
0
1
1
1
1
0
0
Mode2
0/1
0/1
1
1
0
0
0
0
1
1
L/R
1
0
1
0
1
0
1
0
1
0
Data In
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
Data Out
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
DIO2R
DIO1R
1st
O[1]
O[80]
O[17]
O[64]
O[33]
O[48]
O[49]
O[32]
O[65]
O[16]
|
|
|
|
|
|
|
|
|
|
|
16th
O[16]
O[65]
O[32]
O[49]
O[48]
O[33]
O[64]
O[17]
O[80]
O[1]
17th
O[17]
O[64]
O[33]
O[48]
O[49]
O[32]
O[65]
O[16]
NA
NA
|
|
|
|
|
|
|
|
|
NA
NA
32nd
O[32]
O[49]
O[48]
O[33]
O[64]
O[17]
O[80]
O[1]
NA
NA
33rd
O[33]
O[48]
O[49]
O[32]
O[65]
O[16]
NA
NA
NA
NA
|
|
|
|
|
|
|
NA
NA
NA
NA
48th
O[48]
O[33]
O[64]
O[17]
O[80]
O[1]
NA
NA
NA
NA
49th
O[49]
O[32]
O[65]
O[16]
NA
NA
NA
NA
NA
NA
|
|
|
|
|
NA
NA
NA
NA
NA
NA
64th
O[64]
O[17]
O[80]
O[1]
NA
NA
NA
NA
NA
NA
65th
O[65]
O[16]
NA
NA
NA
NA
NA
NA
NA
NA
|
|
|
NA
NA
NA
NA
NA
NA
NA
NA
Figure of
Clock
80th
O[80]
O[1]
NA
NA
NA
NA
NA
NA
NA
NA
6.4. Brightness Control
6.4.1. Using internal resistor
6.4.2. Using external resistor
VBT
BTV
RB1
BTR
ICH = VBT/20K
Operation Condition
VBT = 1 ~ 5V
ICH
250
50
15
VBT
VBT
BTV
RB1
BTR
ICH = VBT/Rext
Rext
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
7
JUN. 29, 2001
Version: 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com