Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103B Datasheet(PDF) 18 Page - Hollingsworth

Part # R4103B
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103B Datasheet(HTML) 18 Page - Hollingsworth

Back Button R4103B Datasheet HTML 14Page - Hollingsworth R4103B Datasheet HTML 15Page - Hollingsworth R4103B Datasheet HTML 16Page - Hollingsworth R4103B Datasheet HTML 17Page - Hollingsworth R4103B Datasheet HTML 18Page - Hollingsworth R4103B Datasheet HTML 19Page - Hollingsworth R4103B Datasheet HTML 20Page - Hollingsworth R4103B Datasheet HTML 21Page - Hollingsworth R4103B Datasheet HTML 22Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Terminals / Splices for Wire Sizes 8 AWG to 250 MCM
All terminals in this section are made from pure copper for highest conductivity. They are electro-tin plated to assure corrosion resistance. Serrated “V” grooves in
the barrel of each terminal firmly grip the wire to assure maximum holding power. Insulation is colored to standard commercial specifications.
NIT BRAZED
Non-Insulated Terminal
FIT
Fixed Insulated Terminal
Consists of a bare terminal with a smooth, silver-alloy brazed barrel
• Chamfered end of barrel affords fast and easy insertion of wire
• Brazed barrel can be crimped anywhere (even on seam) without
splitting
• Some butt connectors and parallel splices are made from seamless
tubular stock and offer the same advantages as brazed barrel parts.
These parts are indicated by an ‡
An assembly of a bare terminal with tightly fitting insulating sleeve made
of PVC or nylon
• Offers excellent insulating qualities.
• Resists minor vibrations
• Insulation color-coded to standard commercial specifications
FIT FLARED
Fixed Insulated Terminal
Flared Insulation
FUNNEL FIT
Fixed Insulated Terminal
Funnel Entry
An assembly of a bare terminal with a tightly fitted flared insulating
sleeve made of PVC
• Flared insulation will accept heavily insulated wire
• Offers excellent insulating qualities
• Resists minor vibrations
• Insulation color-coded to standard commercial specifications
An assembly of a brazed terminal with a tightly fitted nylon insulating sleeve
• Funnel entry barrel facilitates wire entry
• Offers excellent insulating qualities
• Prevents insulation unraveling
• Resists minor vibrations
• Insulation color-coded to standard commercial specifications
8 – 3/0 AWG Parallels
Material: SEAMLESS COPPER TUBULAR STOCK
Basic Dimensions
Non-Insulated
Insulated (Vinyl)
Wire
CMA
I.D.
I.D. O.D. O.D.
L
L
Hand
Insul. Dia.
Insul. Dia.
L
L
Insul.
Size
Range
In.
mm
In.
mm
NIT
In.
mm
Tool FIT
In.
mm
FIT Flared
In.
mm
In.
mm
Color
8
13,000-20,800
.19
4.83
.28
7.11 P1100-9
.38
9.65
H20
P1110
Not available
1.05 26.67
Red
6
20,800-33,100
.26
6.60
.37
9.40 P1200
.46 11.68
H20
P1210
.35
8.89
P1210F
.430 10.92 1.19 30.23
Blue
4
33,100-52,600
.31
7.87
.43 10.92 P1300
.54 13.72
H20
P1310
.42
10.67
P1310F
.515 13.08 1.41 35.81
Yellow
1/0
83,700-119,500
.45 11.43 .57 14.48 P1500
.74 18.80
2/0
119,500-150,500 .51 12.95 .63 16.00 P1600
.74 18.80
Discontinued
3/0
150,500-190,000 .56 14.22 .69 17.53 P1700
.77 19.56
Hand Tool
See Above H20
H20
8 – 1/0 AWG Butt Connectors
Material: COPPER
Basic Dimensions
Non-Insulated
Insulated
(Vinyl)
Insulated
(Nylon)
Wire
CMA
I.D.
I.D. O.D. O.D.
NIT
L
L
Hand
Insul. Dia. FIT
Insul. Dia.
L
L
Insul.
Size
Range
In.
mm
In.
mm NIT
Brazed
In.
mm
Tool FIT
In.
mm Flared
In.
mm
In.
mm Color
8
13,100-
20,800
0.17 4.32 0.28 7.11
BO100B 0.77 19.56 H20 BO110B
0.27 6.86 BO110BF
0.31 7.87 1.45 36.83 Red BO110BN
6
20,800-
33,100
0.23 5.84 0.36 9.14
BO200B 1.02 25.91 H20 BO210B
0.35 8.89 BO210BF
0.43 10.92 1.86 47.24 Blue
4
33,100-
52,600
0.31 7.87 0.43 10.92 BO300-1
1.2 30.48 H20 BO310 ‡*
Not available
BO310F-0
0.51 13.08 2.03 51.56 Yellow
2
52,600-
83,700
0.39 9.91 0.53 13.46 BO401
1.37 34.8
H20 BO411 ‡
Not available
BO411F-0
0.65 16.51 2.38 60.45 Red
1/0
83,700-
119,500
0.44 11.18 0.6 15.24 BO500 ‡
1.42 36.07
Hand Tool
See Above H20
H20
N*
‡ Made from seamless tubular stock
N* Items on this page are also available in nylon. To order, add N
suffix to catalog number. Example: BO110BN
68
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com