Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4261SB Datasheet(PDF) 7 Page - Hollingsworth

Part # R4261SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4261SB Datasheet(HTML) 7 Page - Hollingsworth

Back Button R4261SB Datasheet HTML 3Page - Hollingsworth R4261SB Datasheet HTML 4Page - Hollingsworth R4261SB Datasheet HTML 5Page - Hollingsworth R4261SB Datasheet HTML 6Page - Hollingsworth R4261SB Datasheet HTML 7Page - Hollingsworth R4261SB Datasheet HTML 8Page - Hollingsworth R4261SB Datasheet HTML 9Page - Hollingsworth R4261SB Datasheet HTML 10Page - Hollingsworth R4261SB Datasheet HTML 11Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
12/10 Block Spades
CMA Range 5180-13,1000 Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
.31
7.87
.27 6.86 BS29952 BS29952B
.54 13.72
.68
17.27 BS41742F .86
21.84
1.02 25.91
6
.31
7.87
.27 6.86 BS29953 BS29953B
.54 13.72
.76
19.3
BS41743F .86
21.84
1.10 27.94 XBS25873N
.85 21.59 1.10 27.94
8
.31
7.87
.27 6.86 BS34782 BS34782B
.54 13.72
.68
17.27 BS41752F .86
21.84
1.02 25.91
8
.31
7.87
.27 6.86 BS34783 BS34783B
.54 13.72
.76
19.3
BS41753F .86
21.84
1.10 27.94
10
.31
7.87
.27 6.86 BS34792 BS34792B
.54 13.72
.68
17.27 BS41762F .86
21.84
1.02 25.91 XBS25892N
.85 21.59 1.02 25.91
10
.31
7.87
.27 6.86 BS34793 BS34793B
.54 13.72
.76
19.3
BS41763F .86
21.84
1.10 27.94 XBS25893N
.85 21.59 1.10 27.94
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
12/10 Flanged Spades
CMA Range 5180-13,1000 Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
8
0.38 9.65 0.25 6.35 SF22453
SF22453B
0.52 13.21 0.74 18.8 SF20269F
.84 21.34 1.08 27.43 XSF2509N
.83 21.08 1.07 27.18
10
0.38 9.65 0.25 6.35 SF22456
SF22456B
0.52 13.21 0.74 18.8 SF20270F
.84 21.34 1.08 27.43
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
12/10 Hooks
CMA Range 5180-13,1000 Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
FIIG
In.
mm
In.
mm
6
.38 9.65 .28 7.11 H22452
H22452B
.56 14.22
.74
18.80 H20265F
.87 22.10 1.08 27.43 XH21608N
.87 22.10 1.08 27.43
8
.38 9.65 .28 7.11 H22454
H22454B
.56 14.22
.74
18.80 H20266F
.87 22.10 1.08 27.43 XH21609N
.87 22.10 1.08 27.43
10
.38 9.65 .28 7.11 H22455
H22455B
.56 14.22
.74
18.80 H20267F
.87 22.10 1.08 27.43 XH21610N
.87 22.10 1.08 27.43
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
12/10 Rings - Railroad Terminals
CMA Range 5180-13,1000 Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow with Black Ring)
Basic Dimensions
Non-Insulated
(Vinyl)
Insul. Dia.
.265" / 6.73 mm
(Nylon)
Insul. Dia. .239"/6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
10
.53 13.46 .37 9.40 R3446
R3446B
.63 16.00
.90
22.86 R4246BF
.97
24.64 1.25 31.75
1/4
.53 13.46 .37 9.40 R3447
R3447B
.63 16.00
.90
22.86 R4247BF
.97
24.64 1.25 31.75 XR4256N
.96 24.38 1.24 31.50
5/16
.53 13.46 .37 9.40 R3448
R3448B
.63 16.00
.90
22.86 R4248BF
.97
24.64 1.25 31.75 XR4257N
.96 24.38 1.24 31.50
Hand Tool
H4A
H4A
H6E & H53
H76E & H53
zy
zy
zy
zy
57
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com