Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4105B Datasheet(PDF) 6 Page - Hollingsworth

Part # R4105B
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105B Datasheet(HTML) 6 Page - Hollingsworth

Back Button R4105B Datasheet HTML 2Page - Hollingsworth R4105B Datasheet HTML 3Page - Hollingsworth R4105B Datasheet HTML 4Page - Hollingsworth R4105B Datasheet HTML 5Page - Hollingsworth R4105B Datasheet HTML 6Page - Hollingsworth R4105B Datasheet HTML 7Page - Hollingsworth R4105B Datasheet HTML 8Page - Hollingsworth R4105B Datasheet HTML 9Page - Hollingsworth R4105B Datasheet HTML 10Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com
12/10 Rings
CMA Range 5180-13,100
Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/ 6.07 mm
Stud W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
4
.28
7.11
.27
6.86 R3454
R3454B
.54 13.72
.68
17.27 R4182F
.88
22.35
1.02 25.91 XR5105N
.89 22.61 1.03 26.16
6
.28
7.11
.27
6.86 R3455
R3455B
.54 13.72
.68
17.27 R4183F
.88
22.35
1.02 25.91 XR5106N
.89 22.61 1.03 26.16
6
.31
7.87
.27
6.86 R3453
R3453B
.54 13.72
.70
17.78 R4188F
.87
22.10
1.03 26.16 XR5118N
.88 22.35 1.04 26.42
6
.37
9.40
.28
7.11 R3456
R3456B
.56 14.22
.74
18.80 R4168F
.88
22.35
1.07 27.18 XR5107N
.90 22.86 1.09 27.69
8
.28
7.11
.27
6.86 R3452
R3452B
.54 13.72
.68
17.27 R4189F
.88
22.35
1.02 25.91 XR5113N
.89 22.61 1.03 26.16
8
.37
9.40
.28
7.11 R2994
R2994B
.56 14.22
.74
18.80 R4169F
.88
22.35
1.07 27.18 XR5108N
.90 22.86 1.09 27.69
10
.37
9.40
.28
7.11 R3457
R3457B
.56 14.22
.74
18.80 R4170F
.88
22.35
1.07 27.18 XR5109N
.90 22.86 1.09 27.69
1/4
.52 13.21 .47 11.94 R3458
R3458B
.75 19.05 1.01
25.65 R4171F
1.07
27.18
1.33 33.78 XR5110N
1.09 27.69 1.35 34.29
5/16 .52 13.21 .47 11.94 R3459
R3459B
.75 19.05 1.01
25.65 R4172F
1.07
27.18
1.33 33.78 XR5111N
1.09 27.69 1.35 34.29
3/8
.59 14.99 .50 12.70 R3220
R3220B
.78 19.81 1.07
27.18 R4173F
1.10
27.94
1.39 35.31 XR5112N
1.12 28.45 1.41 35.81
7/16 .71 18.03 .50 12.70 R3222
R3222B
.78 19.81 1.13
28.70 R4178F
1.10
27.94
1.46 37.08 XR5114N
1.12 28.45 1.47 37.34
1/2
.71 18.03 .50 12.70 R3223
R3223B
.78 19.81 1.13
28.70 R4179F
1.10
27.94
1.46 37.08 XR5117N
1.12 28.45 1.47 37.34
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
12/10 Spades
CMA Range 5180-13,100
Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER Thickness: .040"/1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/ 6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT (Vinyl)▲ In.
mm
In.
mm FIIG (Nylon)
In.
mm
In.
mm
6
.38
9.65
.27 6.86 S2995
S2995B
.55 13.97
.73 18.54 S4174F
.87 22.10 1.07 27.18 XS2587N
.86 21.84 1.06 26.92
8
.38
9.65
.27 6.86 S3478
S3478B
.55 13.97
.73 18.54 S4175F
.87 22.10 1.07 27.18 XS2588N
.86 21.84 1.06 26.92
10
.38
9.65
.27 6.86 S3479
S3479B
.55 13.97
.73 18.54 S4176F
.87 22.10 1.07 27.18 XS2589N
.86 21.84 1.06 26.92
Hand Tool
H4A
H4A
H6E& H53
H6E & H53
zy
zy
zy
zy
12/10 Spring Spades
CMA Range 5180-13,100
Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER ALLOY Thickness: .040" / 1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
FIIG
In.
mm
In.
mm
6
.31
7.87
.26 6.60 SS20828
SS20828B
.52 13.21
.78
19.81 SS20832F
.85 21.59 1.13 28.70 XSS20836N
.85 21.59 1.12 28.45
8
.31
7.87
.26 6.60 SS20829
SS20829B
.52 13.21
.78
19.81 SS20833F
.85 21.59 1.13 28.70 XSS20837N
.85 21.59 1.12 28.45
10
.33
8.38
.26 6.60 SS20830
SS20830B
.52 13.21
.78
19.81 SS20834F
.85 21.59 1.13 28.70 XSS20838N
.85 21.59 1.12 28.45
1/4
.45
11.43
.26 6.60 SS20831
SS20831B
.52 13.21
.78
19.81 SS20815F
.85 21.59 1.13 28.70 XSS20887N
.85 21.59 1.12 28.45
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
12/10 Mini Spring Spades
CMA Range 5180-13,100
Barrel Inside Diameter .129"/ 3.27 mm
Material: COPPER ALLOY Thickness: .040" / 1.02 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
5
.25
6.35
.26 6.60 SS22474
SS22474B
.53 13.46 0.65
16.51 SS22564F
.85
21.59 0.99 25.15 XSS22574N
.85 21.59 .99 25.15
6
.25
6.35
.26 6.60 SS22475
SS22475B
.53 13.46
.65
16.51 SS22565F
.85
21.59 0.99 25.15 XSS22575N
.85 21.59 .99 25.15
8
.28
7.11
.26 6.60 SS22476
SS22476B
.53 13.46
.65
16.51 SS22566F
.85
21.59 0.99 25.15 XSS22576N
.85 21.59 .99 25.15
10
.33
8.38
.26 6.60 SS22477
SS22477B
.53 13.46
.70
17.78 SS22567F
.85
21.59 1.05 26.67 XSS22577N
.85 21.59 .99 25.15
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com