Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1124 Datasheet(PDF) 1 Page - Alpha Wire

Part # M1124
Description  20 (26/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M1124 Datasheet(HTML) 1 Page - Alpha Wire

  M1124 Datasheet HTML 1Page - Alpha Wire M1124 Datasheet HTML 2Page - Alpha Wire M1124 Datasheet HTML 3Page - Alpha Wire M1124 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M1124
Construction
 
Diameters (In)
1) Component 1
4 X 1 COND
 
a) Conductor
20 (26/34) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. Polyethylene(PE)
0.070
(1) Color Code
Alpha Wire Color Code H
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
RED
 
2
WHITE
4
GREEN
 
2) Cable Assembly
4 Components Cabled
 
a) Twists:
4.8 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
 
3) Shield
Tinned Copper BRAID Shield,90% Coverage, Min.
 
4) Jacket
0.035" Wall, Nom.,PVC
0.264 (0.275 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N M1124 4C 20 AWG
TYPE CM (UL) 75C OR AWM 2094
CE ROHS
* = Factory Code
Applicable Specifications
1) UL
CM
75°C
 
AWM/STYLE 2094
60°C / 300 VRMS
2) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - M1124

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M1121 STMICROELECTRONICS-M1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
logo
List of Unclassifed Man...
M1122 ETC2-M1122 Datasheet
135Kb / 1P
MODIFIED SIZE 1 ARINC 600 RF CONNECTOR FOR ECS CABLE 311201 AND 421201
logo
Alpha Wire
M1122 ALPHAWIRE-M1122 Datasheet
407Kb / 4P
20 (26/34) AWG Tinned Copper
M1123 ALPHAWIRE-M1123 Datasheet
407Kb / 4P
20 (26/34) AWG Tinned Copper
M1125 ALPHAWIRE-M1125 Datasheet
407Kb / 4P
20 (26/34) AWG Tinned Copper
More results

Similar Description - M1124

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082266820 MOLEX3-0082266820 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 20 Circuits
0082266834 MOLEX3-0082266834 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 34 Circuits
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com