Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4011-103E/MS Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4011-103E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-103E/MS Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4011-103E/MS Datasheet HTML 29Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 30Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 31Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 32Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 33Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 36Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 33
MCP4011/2/3/4
5.2.4
DECREMENT (FOR MCP402X
COMPATIBILITY)
This mode is achieved by initializing the U/D pin to a
low state (VIL) prior to achieving a low state (VIL) on the
CS pin. Subsequent rising edges of the U/D pin
decrement the wiper setting toward terminal B. This is
shown in Figure 5-4.
After the wiper is decremented to the desired position,
the U/D pin should remain high (VIH), and the CS pin
should be forced to VIH to ensure that “unexpected”
transitions on the U/D pin do not cause the wiper
setting to increment. Driving the CS pin to VIH should
occur as soon as possible (within device specifications)
after the last desired increment occurs.
When the device voltage falls below the RAM retention
voltage of the device, the wiper state may be corrupted.
When the device returns to the operating range, the
wiper will be loaded with the default POR wiper setting.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered.
FIGURE 5-4:
Decrement (For MCP402X Compatibility).
Note:
This command allows compatibility with
the MCP402X family, which supports
updating of the non-volatile wiper setting.
Note:
The wiper value will not underflow. That is,
once the wiper value equals 0x00,
subsequent decrement commands are
ignored.
U/D
CS
Wiper
X-1
X
X-2
X-3
X-4
1
2
3
4
VIH
VIH
5
6
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com