Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXS53 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # JXS53
Description  SMD Quartz Crystal · JXS53
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

JXS53 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  JXS53_V01 Datasheet HTML 1Page - Jauch Quartz Gmbh JXS53_V01 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TABLE 1: FREQUENCY STABILITY VS. TEMPERATURE
± 10
ppm
±15
ppm
±20
ppm
±30
ppm
±50
ppm
±100
ppm
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
-40 °C ~ +105 °C
T2
-40 °C ~ +125 °C
T3
available
Jauch Quartz GmbH • e-mail: info@jauch.de
All specifications are subject to change without notice
full data can be found under:
www.jauch.de | www.jauch.co.uk | www.jauch.fr | www.jauchusa.com
RoHS
2011/65/EC
RoHS compliant
Pb free
Conflict
mineral free
REACH
compliant
SMD Quartz Crystal · JXS53
- 4 pad version, 5.0 x 3.2 mm
- seam sealed ceramic/metal package
- extended temperature ranges available
- high mechanical reliability type available
- for automotive type, see automotive datasheet
RoHS compliant
Pb free
Conflict
mineral free
REACH
compliant
GENERAL DATA
TYPE
JXS53
frequency range
8.0 ~ 56.0 MHz
(fund. AT-cut)
50.0 ~ 125.0 MHz
(3rd OT AT-cut)
frequency tolerance at 25 °C
± 10 ppm / ± 30 ppm / ± 50 ppm
load capacitance C
L
12 pF standard (option 8 pF ~ 32 pF / series)
shunt capacitance C
O
< 7 pF
storage temperature
-40 °C ~ +125 °C
drive level max.
100 μW
aging
< ± 3 ppm first year
(option: < ± 1 ppm first year for tol. ± 10 ppm)
3.8±0.1
# 4
# 3
# 1
# 2
# 4
# 3
# 1
# 2
# 3
# 4
# 1
# 2
5.0±0.15
1.3±0.1
2.4±0.1
1.6 ±0.1
top view
side view
bottom view
#2–#4: connected to lid
preferably connect to GND
crystal connection
pad layout
DIMENSIONS
in mm
actual size
13092018
ESR (SERIES RESISTANCE RS)
frequency
in MHz
vibration
mode
ESR max.
in �
ESR typ.
in �
8.0 ~
9.999
fund. - AT
100
50
10.0 ~ 10.999
fund. - AT
50
30
11.0 ~ 11.999
fund. - AT
40
25
12.0 ~ 21.999
fund. - AT
40
20
22.0 ~ 24.999
fund. - AT
40
15
25.0 ~ 49.999
fund. - AT
30
15
50.0 ~ 56.000
fund. - AT
40
20
50.0 ~ 79.999
3rd OT - AT
100
60
80.0 ~ 125.000
3rd OT - AT
80
60
Q
Quartz
frequency
8.0 ~ 125.0 MHz
type
JXS53
stability vs.
temp. range
option
Example: Q 30.0-JXS53-12-30/30-FU-LF (Suffix LF = RoHS compliant / Pb free)
load capacitance
12 pF standard
8 pF ~ 32 pF available
S for series
tolerance at
25 °C
10 = ± 10 ppm
30 = ± 30 ppm
50 = ± 50 ppm
ORDER INFORMATION
10 = ± 10 ppm
15 = ± 15 ppm
20 = ± 20 ppm
30 = ± 30 ppm
50 = ± 50 ppm
100 = ± 100 ppm
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
FU = for fundamental
frequencies ≥ 20 MHz
3OT = 3rd overtone
HMR = high mechanical reliability
(3000g/half sine wave/0.3ms)
Jan.
Febr.
Mar.
Apr.
May
June
A
B
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
G
H
J
K
L
M
MARKING
frequency with load capacitance code
company code / date code / internal code
date code: year/month; A ~ M: Jan. - Dec.; example: 8A = 2018 January
7: 2017
8: 2018
9: 2019
0: 2020
1: 2021
2: 2022
Jauch Quartz GmbH • e-mail: info@jauch.com • full data can be found under: www.jauch.com
All specifications are subject to change without notice


Similar Part No. - JXS53_V01

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXS53P4 JAUCH-JXS53P4 Datasheet
143Kb / 2P
4 Pad Version 5.0 x 3.2 mm
More results

Similar Description - JXS53_V01

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com