Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 89 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 89 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 85Page - Microchip Technology ENC28J60 Datasheet HTML 86Page - Microchip Technology ENC28J60 Datasheet HTML 87Page - Microchip Technology ENC28J60 Datasheet HTML 88Page - Microchip Technology ENC28J60 Datasheet HTML 89Page - Microchip Technology ENC28J60 Datasheet HTML 90Page - Microchip Technology ENC28J60 Datasheet HTML 91Page - Microchip Technology ENC28J60 Datasheet HTML 92Page - Microchip Technology ENC28J60 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 87
ENC28J60
28-Lead Plastic Quad Flat No Lead Package (ML) 6x6 mm Body (QFN) –
With 0.55 mm Contact Length (Saw Singulated)
b
D2
D
PAD OUTLINE
ALTERNATE
SEE DETAIL
A1
A
DETAIL
TOP VIEW
OPTIONAL
INDEX
AREA
1
2
L
BOTTOM VIEW
n
E
METAL
PAD
ALTERNATE
EXPOSED
INDICATORS
INDEX
e
E2
(NOTE 1)
(NOTE 2)
K
Contact Width
§ Significant Characteristic
Notes:
JEDEC equivalent: MO-220
β
.009
.011
.013
0.23
0.28
0.33
Pitch
Number of Pins
Overall Width
Standoff
Overall Length
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
e
A
.000
INCHES
.026 BSC
MIN
28
NOM
MAX
.002
0.00
6.00
MILLIMETERS*
.039
MIN
28
0.65 BSC
NOM
0.05
1.00
0.90
.035
.001
0.02
Contact Length §
L
.018
.022
.024
0.45
0.55
0.65
E2
D2
Exposed Pad Width
Exposed Pad Length
.153
.167
.169
3.89
4.24
4.29
.031
0.80
5.90
6.10
.240
.236
.232
.232
.236
6.00
.240
5.90
6.10
.153
.167
4.24
.169
3.89
4.29
Contact Thickness
A3
.008 REF
0.20 REF
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
See ASME Y14.5M
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Exposed pad varies according to die attach paddle size.
Contact-to-Exposed Pad
§
K.008
–
–
0.20
––
* Controlling Parameter
Revised 09-12-05
Drawing No. C04-105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com