Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60-I/SP Datasheet(PDF) 18 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 18 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 14Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 15Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 16Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 17Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 18Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 19Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 20Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 21Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
ENC28J60
DS39662B-page 16
Preliminary
© 2006 Microchip Technology Inc.
3.1.2
ECON2 REGISTER
The ECON2 register, shown in Register 3-2, is used to
control other main functions of the ENC28J60.
REGISTER 3-2:
ECON2: ETHERNET CONTROL REGISTER 2
R/W-1
R/W-0(1)
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
AUTOINC
PKTDEC
PWRSV
r
VRPS
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
AUTOINC: Automatic Buffer Pointer Increment Enable bit
1
= Automatically increment ERDPT or EWRPT on reading from or writing to EDATA
0
= Do not automatically change ERDPT and EWRPT after the buffer is accessed
bit 6
PKTDEC: Packet Decrement bit
1
= Decrement the EPKTCNT register by one
0
= Leave EPKTCNT unchanged
bit 5
PWRSV: Power Save Enable bit
1
= MAC, PHY and control logic are in Low-Power Sleep mode
0
= Normal operation
bit 4
Reserved: Maintain as ‘0’
bit 3
VRPS: Voltage Regulator Power Save Enable bit
When PWRSV = 1:
1
= Internal voltage regulator is in Low-Current mode
0
= Internal voltage regulator is in Normal Current mode
When PWRSV = 0:
The bit is ignored; the regulator always outputs as much current as the device requires.
bit 2-0
Unimplemented: Read as ‘0’
Note 1:
This bit is automatically cleared once it is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com