Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60-I/SS Datasheet(PDF) 49 Page - Microchip Technology

Part # ENC28J60-I/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SS Datasheet(HTML) 49 Page - Microchip Technology

Back Button ENC28J60-I/SS Datasheet HTML 45Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 46Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 47Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 48Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 49Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 50Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 51Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 52Page - Microchip Technology ENC28J60-I/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 47
ENC28J60
8.0
RECEIVE FILTERS
To minimize the processing requirements of the host
controller, the ENC28J60 incorporates several different
receive filters which can automatically reject packets
which are not needed. Six different types of packet
filters are implemented:
• Unicast
• Pattern Match
•Magic Packet™
• Hash Table
• Multicast
• Broadcast
The individual filters are all configured by the ERXFCON
register (Register 8-1). More than one filter can be active
at any given time. Additionally, the filters can be config-
ured by the ANDOR bit to either logically AND, or
logically OR, the tests of several filters. In other words,
the filters may be set so that only packets accepted by
all active filters are accepted, or a packet accepted by
any one filter is accepted. The flowcharts in Figure 8-1
and Figure 8-2 show the effect that each of the filters will
have depending on the setting of ANDOR.
The device can enter Promiscuous mode and receive
all packets by clearing the ERXFCON register. The
proper setting of the register will depend on the
application requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com