Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-I/SS Datasheet(PDF) 6 Page - Microchip Technology

Part # ENC28J60T-I/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-I/SS Datasheet(HTML) 6 Page - Microchip Technology

Back Button ENC28J60T-I/SS Datasheet HTML 2Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 3Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 4Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 5Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 6Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 7Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 8Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 9Page - Microchip Technology ENC28J60T-I/SS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ENC28J60
DS39662B-page 4
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 1-2:
TYPICAL ENC28J60-BASED INTERFACE
TABLE 1-1:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
SPDIP,
SOIC, SSOP
QFN
VCAP
1
25
P
—
2.5V output from internal regulator. A low Equivalent Series Resistance
(ESR) capacitor, with a typical value of 10
μF and a minimum value of
1
μF to ground, must be placed on this pin.
VSS
2
26
P
—
Ground reference.
CLKOUT
3
27
O
—
Programmable clock output pin.(1)
INT
4
28
O
—
INT interrupt output pin.(2)
NC
5
1
O
—
Reserved function; always leave unconnected.
SO
6
2
O
—
Data out pin for SPI interface.(2)
SI
7
3
I
ST
Data in pin for SPI interface.(3)
SCK
8
4
I
ST
Clock in pin for SPI interface.(3)
CS
9
5
I
ST
Chip select input pin for SPI interface.(3,4)
RESET
10
6
I
ST
Active-low device Reset input.(3, 4)
VSSRX
11
7
P
—
Ground reference for PHY RX.
TPIN-
12
8
I
ANA
Differential signal input.
TPIN+
13
9
I
ANA
Differential signal input.
RBIAS
14
10
I
ANA
Bias current pin for PHY. Must be tied to ground via a resistor (refer to
Section 2.4 “Magnetics, Termination and Other External Components”
for details).
VDDTX
15
11
P
—
Positive supply for PHY TX.
TPOUT-
16
12
O
—
Differential signal output.
TPOUT+
17
13
O
—
Differential signal output.
VSSTX
18
14
P
—
Ground reference for PHY TX.
VDDRX
19
15
P
—
Positive 3.3V supply for PHY RX.
VDDPLL
20
16
P
—
Positive 3.3V supply for PHY PLL.
VSSPLL
21
17
P
—
Ground reference for PHY PLL.
VSSOSC
22
18
P
—
Ground reference for oscillator.
OSC1
23
19
I
ANA
Oscillator input.
OSC2
24
20
O
—
Oscillator output.
VDDOSC
25
21
P
—
Positive 3.3V supply for oscillator.
LEDB
26
22
O
—
LEDB driver pin.(5)
LEDA
27
23
O
—
LEDA driver pin.(5)
VDD
28
24
P
—
Positive 3.3V supply.
Legend:
I = Input, O = Output, P = Power, DIG = Digital input, ANA = Analog signal input, ST = Schmitt Trigger
Note
1:
Pins have a maximum current capacity of 8 mA.
2:
Pins have a maximum current capacity of 4 mA.
3:
Pins are 5V tolerant.
4:
Pins have an internal weak pull-up to VDD.
5:
Pins have a maximum current capacity of 12 mA.
TRANSFORMER
MCU
TX/RX
Buffer
MAC
PHY
LEDA
LEDB
SI
SO
SCK
INT
SDO
SDI
SCK
INTX
ENC28J60
TPIN+/-
TPOUT+/-
ETHERNET
RJ45
I/O
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com