Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F85J90 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18F85J90
Description  64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
PDF  411 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F85J90 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18F85J90 Datasheet HTML 52Page - Microchip Technology PIC18F85J90 Datasheet HTML 53Page - Microchip Technology PIC18F85J90 Datasheet HTML 54Page - Microchip Technology PIC18F85J90 Datasheet HTML 55Page - Microchip Technology PIC18F85J90 Datasheet HTML 56Page - Microchip Technology PIC18F85J90 Datasheet HTML 57Page - Microchip Technology PIC18F85J90 Datasheet HTML 58Page - Microchip Technology PIC18F85J90 Datasheet HTML 59Page - Microchip Technology PIC18F85J90 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 411 page
background image
PIC18F85J90 FAMILY
DS39770B-page 54
Preliminary
© 2007 Microchip Technology Inc.
IPR3
PIC18F6XJ90 PIC18F8XJ90
-111 -11-
-111 -11-
-uuu -uu-
PIR3
PIC18F6XJ90 PIC18F8XJ90
-000 -00-
-000 -00-
-uuu -00-(3)
PIE3
PIC18F6XJ90 PIC18F8XJ90
-000 -00-
-000 -00-
-uuu -00-
IPR2
PIC18F6XJ90 PIC18F8XJ90
11-- 111-
11-- 111-
uu-- uuu-
PIR2
PIC18F6XJ90 PIC18F8XJ90
00-- 000-
00-- 000-
uu-- uuu-(3)
PIE2
PIC18F6XJ90 PIC18F8XJ90
00-- 000-
00-- 000-
uu-- uuu-
IPR1
PIC18F6XJ90 PIC18F8XJ90
-111 1-11
-111 1-11
-uuu u-uu
PIR1
PIC18F6XJ90 PIC18F8XJ90
-000 0-00
-000 0-00
-uuu u-uu(3)
PIE1
PIC18F6XJ90 PIC18F8XJ90
-000 0-00
-000 0-00
-uuu u-uu
OSCTUNE
PIC18F6XJ90 PIC18F8XJ90
0000 0000
0000 0000
uuuu uuuu
TRISJ
PIC18F6XJ90 PIC18F8XJ90
1111 1111
1111 1111
uuuu uuuu
TRISH
PIC18F6XJ90 PIC18F8XJ90
1111 1111
1111 1111
uuuu uuuu
TRISG
PIC18F6XJ90 PIC18F8XJ90
0001 1111
0001 1111
uuuu uuuu
TRISF
PIC18F6XJ90 PIC18F8XJ90
1111 111-
1111 111-
uuuu uuu-
TRISE
PIC18F6XJ90 PIC18F8XJ90
1111 1-11
1111 1-11
uuuu u-uu
TRISD
PIC18F6XJ90 PIC18F8XJ90
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F6XJ90 PIC18F8XJ90
1111 1111
1111 1111
uuuu uuuu
TRISB
PIC18F6XJ90 PIC18F8XJ90
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
PIC18F6XJ90 PIC18F8XJ90
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATJ
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATH
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATG
PIC18F6XJ90 PIC18F8XJ90
00-x xxxx
00-u uuuu
uu-u uuuu
LATF
PIC18F6XJ90 PIC18F8XJ90
xxxx xxx-
uuuu uuu-
uuuu uuu-
LATE
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATD
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTJ
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH
PIC18F6XJ90 PIC18F8XJ90
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTG
PIC18F6XJ90 PIC18F8XJ90
000x xxxx
000u uuuu
000u uuuu
PORTF
PIC18F6XJ90 PIC18F8XJ90
xxxx xxx-
uuuu uuu-
uuuu uuu-
TABLE 4-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 4-1 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com