Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/SS Datasheet(PDF) 50 Page - Microchip Technology

Part # ENC28J60T-C/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SS Datasheet(HTML) 50 Page - Microchip Technology

Back Button ENC28J60T-C/SS Datasheet HTML 46Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 47Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 48Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 49Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 50Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 51Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 52Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 53Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
ENC28J60
DS39662B-page 48
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 8-1:
ERXFCON: ETHERNET RECEIVE FILTER CONTROL REGISTER
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
UCEN
ANDOR
CRCEN
PMEN
MPEN
HTEN
MCEN
BCEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
UCEN: Unicast Filter Enable bit
When ANDOR = 1:
1
= Packets not having a destination address matching the local MAC address will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Packets with a destination address matching the local MAC address will be accepted
0
= Filter disabled
bit 6
ANDOR: AND/OR Filter Select bit
1
= AND: Packets will be rejected unless all enabled filters accept the packet
0
= OR: Packets will be accepted unless all enabled filters reject the packet
bit 5
CRCEN: Post-Filter CRC Check Enable bit
1
= All packets with an invalid CRC will be discarded
0
= The CRC validity will be ignored
bit 4
PMEN: Pattern Match Filter Enable bit
When ANDOR = 1:
1
= Packets must meet the Pattern Match criteria or they will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Packets which meet the Pattern Match criteria will be accepted
0
= Filter disabled
bit 3
MPEN: Magic Packet Filter Enable bit
When ANDOR = 1:
1
= Packets must be Magic Packets for the local MAC address or they will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Magic Packets for the local MAC address will be accepted
0
= Filter disabled
bit 2
HTEN: Hash Table Filter Enable bit
When ANDOR = 1:
1
= Packets must meet the Hash Table criteria or they will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Packets which meet the Hash Table criteria will be accepted
0
= Filter disabled
bit 1
MCEN: Multicast Filter Enable bit
When ANDOR = 1:
1
= Packets must have the Least Significant bit set in the destination address or they will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Packets which have the Least Significant bit set in the destination address will be accepted
0
= Filter disabled
bit 0
BCEN: Broadcast Filter Enable bit
When ANDOR = 1:
1
= Packets must have a destination address of FF-FF-FF-FF-FF-FF or they will be discarded
0
= Filter disabled
When ANDOR = 0:
1
= Packets which have a destination address of FF-FF-FF-FF-FF-FF will be accepted
0
= Filter disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com