Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 238 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 238 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 234Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 235Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 236Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 237Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 238Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 239Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 240Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 241Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 236
Preliminary
© 2007 Microchip Technology Inc.
20.3
On-Chip Voltage Regulator
In parts designated “LF”, the microcontroller core can
be powered from an external source that is separate
from VDD, or it can be powered from an on-chip regula-
tor which derives power from VDD. Both sources use
the common VDDCORE/VCAP pin.
In “F” devices, a low ESR capacitor must be connected
to the VDDCORE/VCAP pin for proper device operation.
In parts designated with an “LF” part number (i.e.,
PIC18LF45J10), power to the core must be supplied on
VDDCORE/VCAP. It is always good design practice to
have sufficient capacitance on all supply
pins.
Examples are shown in Figure 20-2.
The specifications for core voltage and capacitance are
listed in Section 23.4 “AC (Timing) Characteristics”.
FIGURE 20-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
20.3.1
ON-CHIP REGULATOR AND BOR
PIC18F45J10 family devices (designated with an “F”
part number) also have a simple brown-out capability.
If the voltage supplied to the regulator is inadequate to
maintain a regulated level, the regulator Reset circuitry
will generate a BOR Reset. This event is captured by
the BOR flag bit (RCON<0>).
The operation of the BOR is described in more detail in
Section 4.4
“Brown-out
Reset
(BOR)
(PIC18F2X1X/4X1X Devices Only)” and Section 4.4.1
“Detecting BOR”. The brown-out voltage levels are
specific in Section 23.1 “DC Characteristics”.
20.3.2
POWER-UP REQUIREMENTS
The on-chip regulator is designed to meet the power-up
requirements for the device. While powering up,
VDDCORE must never exceed VDD by 0.3 volts.
Note:
The on-chip voltage regulator is only
available in parts designated with an “F”,
such as PIC18F45J10.
Note:
In parts designated with an “LF”, such as
PIC18LF45J10, VDDCORE must never
exceed VDD.
VDD
VDDCORE/VCAP
VSS
PIC18LFXXJ10
3.3V
2.5V
VDD
VDDCORE/VCAP
VSS
PIC18FXXJ10
CF
3.3V
PIC18FXXJ10 Devices (Regulator Enabled):
OR
VDD
VDDCORE/VCAP
VSS
PIC18LFXXJ10
2.5V
PIC18LFXXJ10 Devices (Regulator Disabled):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com