Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 42Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 43Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 44Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 45Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 46Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 47Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 48Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 49Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 44
Preliminary
© 2007 Microchip Technology Inc.
INDF2
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTINC2
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
POSTDEC2
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PREINC2
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
PLUSW2
PIC18F2XJ10 PIC18F4XJ10
N/A
N/A
N/A
FSR2H
PIC18F2XJ10 PIC18F4XJ10
---- xxxx
---- uuuu
---- uuuu
FSR2L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
PIC18F2XJ10 PIC18F4XJ10
---x xxxx
---u uuuu
---u uuuu
TMR0H
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
TMR0L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
uuuu uuuu
OSCCON
PIC18F2XJ10 PIC18F4XJ10
0--- q-00
0--- q-00
u--- q-uu
WDTCON
PIC18F2XJ10 PIC18F4XJ10
---- ---0
---- ---0
---- ---u
RCON(4)
PIC18F2XJ10 PIC18F4XJ10
0--1 11q0
0--q qquu
u--u qquu
TMR1H
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
PIC18F2XJ10 PIC18F4XJ10
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
PR2
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
1111 1111
T2CON
PIC18F2XJ10 PIC18F4XJ10
-000 0000
-000 0000
-uuu uuuu
SSP1BUF
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSP1ADD
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP1STAT
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP1CON1
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP1CON2
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
ADRESH
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
PIC18F2XJ10 PIC18F4XJ10
0-00 0000
0-00 0000
u-uu uuuu
ADCON1
PIC18F2XJ10 PIC18F4XJ10
--00 0qqq
--00 0qqq
--uu uqqq
ADCON2
PIC18F2XJ10 PIC18F4XJ10
0-00 0000
0-00 0000
u-uu uuuu
TABLE 4-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 4-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com