Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 299 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 299 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 295Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 296Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 297Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 298Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 299Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 300Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 301Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 302Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 297
PIC18F45J10 FAMILY
23.1
DC Characteristics:
Supply Voltage
PIC18F24J10/25J10/44J10/45J10 (Industrial)
PIC18LF24J10/25J10/44J10/45J10 (Industrial)
PIC18F45J10 Family
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
D001
VDD
Supply Voltage
VDDCORE
—
3.6
V
PIC18LF4XJ10, PIC18LF2XJ10
D001
VDD
Supply Voltage
2.7(1)
—
3.6
V
PIC18F4X/2XJ10
D001B
VDDCORE External Supply for
Microcontroller Core
2.0
—
2.7
V
Valid only in parts designated “LF”.
See Section 20.3 “On-Chip
Voltage Regulator” for details.
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
——
TBD
V
See Section 4.3 “Power-on
Reset (POR)” for details
D004
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms See Section 4.3 “Power-on
Reset (POR)” for details
Legend: TBD = To Be Determined
Note 1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com