Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 319 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 319 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 315Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 316Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 317Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 318Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 319Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 320Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 321Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 322Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 317
PIC18F45J10 FAMILY
FIGURE 23-10:
EXAMPLE SPI™ MASTER MODE TIMING (CKE = 0)
TABLE 23-14: EXAMPLE SPI™ MODE REQUIREMENTS (MASTER MODE, CKE = 0)
SSx
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SDIx
70
71
72
73
74
75, 76
78
79
80
79
78
MSb
LSb
bit 6 - - - - - - 1
MSb In
LSb In
bit 6 - - - - 1
Note:
Refer to Figure 23-3 for load conditions.
Param
No.
Symbol
Characteristic
Min
Max Units
Conditions
70
TSSL2SCH,
TSSL2SCL
SSx
↓ to SCKx ↓ or SCKx ↑ Input
TCY
—ns
71
TSCH
SCKx Input High Time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
71A
Single Byte
40
—
ns
(Note 1)
72
TSCL
SCKx Input Low Time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
72A
Single Byte
40
—
ns
(Note 1)
73
TDIV2SCH,
TDIV2SCL
Setup Time of SDIx Data Input to SCKx Edge
100
—
ns
73A
TB2B
Last Clock Edge of Byte 1 to the 1st Clock Edge
of Byte 2
1.5 TCY + 40
—
ns
(Note 2)
74
TSCH2DIL,
TSCL2DIL
Hold Time of SDIx Data Input to SCKx Edge
100
—
ns
75
TDOR
SDOx Data Output Rise Time
—
25
ns
76
TDOF
SDOx Data Output Fall Time
—
25
ns
78
TSCR
SCKx Output Rise Time (Master mode)
—
25
ns
79
TSCF
SCKx Output Fall Time (Master mode)
—
25
ns
80
TSCH2DOV,
TSCL2DOV
SDOx Data Output Valid after SCKx Edge
—
50
ns
Note 1:
Requires the use of Parameter #73A.
2:
Only if Parameter #71A and #72A are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com