Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 146Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 147Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 148Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 149Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 150Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 151Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 152Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 153Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 148
Preliminary
© 2007 Microchip Technology Inc.
15.3.2
OPERATION
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits (SSPxCON1<5:0> and SSPxSTAT<7:6>).
These control bits allow the following to be specified:
• Master mode (SCKx is the clock output)
• Slave mode (SCKx is the clock input)
• Clock Polarity (Idle state of SCKx)
• Data Input Sample Phase (middle or end of data
output time)
• Clock Edge (output data on rising/falling edge of
SCKx)
• Clock Rate (Master mode only)
• Slave Select mode (Slave mode only)
Each MSSP consists of a transmit/receive shift register
(SSPxSR) and a buffer register (SSPxBUF). The
SSPxSR shifts the data in and out of the device, MSb
first. The SSPxBUF holds the data that was written to the
SSPxSR until the received data is ready. Once the 8 bits
of data have been received, that byte is moved to the
SSPxBUF register. Then, the Buffer Full detect bit BF
(SSPxSTAT<0>) and the interrupt flag bit SSPxIF are
set.
This
double-buffering
of
the
received
data
(SSPxBUF) allows the next byte to start reception before
reading the data that was just received. Any write to the
SSPxBUF register during transmission/reception of data
will be ignored and the Write Collision detect bit, WCOL
(SSPxCON1<7>), will be set. User software must clear
the WCOL bit so that it can be determined if the following
write(s)
to
the
SSPxBUF
register
completed
successfully.
When the application software is expecting to receive
valid data, the SSPxBUF should be read before the next
byte of data to transfer is written to the SSPxBUF. The
Buffer Full bit, BF (SSPxSTAT<0>), indicates when
SSPxBUF has been loaded with the received data
(transmission is complete). When the SSPxBUF is read,
the BF bit is cleared. This data may be irrelevant if the
SPI is only a transmitter. Generally, the MSSP interrupt
is used to determine when the transmission/reception
has completed. The SSPxBUF must be read and/or
written. If the interrupt method is not going to be used,
then software polling can be done to ensure that a write
collision does not occur. Example 15-1 shows the
loading
of
the
SSP1BUF
(SSP1SR)
for
data
transmission.
The SSPxSR is not directly readable or writable and
can only be accessed by addressing the SSPxBUF
register. Additionally, the SSPxSTAT register indicates
the various status conditions.
EXAMPLE 15-1:
LOADING THE SSP1BUF (SSP1SR) REGISTER
LOOP
BTFSS
SSP1STAT, BF
;Has data been received (transmit complete)?
BRA
LOOP
;No
MOVF
SSP1BUF, W
;WREG reg = contents of SSP1BUF
MOVWF
RXDATA
;Save in user RAM, if data is meaningful
MOVF
TXDATA, W
;W reg = contents of TXDATA
MOVWF
SSP1BUF
;New data to xmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com