Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/ML Datasheet(PDF) 234 Page - Microchip Technology

Part # PIC18F44J10-E/ML
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/ML Datasheet(HTML) 234 Page - Microchip Technology

Back Button PIC18F44J10-E/ML Datasheet HTML 230Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 231Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 232Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 233Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 234Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 235Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 236Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 237Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 232
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 20-3:
CONFIG2L: CONFIGURATION REGISTER 2 LOW (BYTE ADDRESS 300002h)
REGISTER 20-4:
CONFIG2H: CONFIGURATION REGISTER 2 HIGH (BYTE ADDRESS 300003h)
R/WO-1
R/WO-1
U-0
U-0
U-0
R/WO-1
R/WO-1
R/WO-1
IESO
FCMEN
—
—
—
FOSC2
FOSC1
FOSC0
bit 7
bit 0
bit 7
IESO: Two-Speed Start-up (Internal/External Oscillator Switchover) Control bit
1
= Two-Speed Start-up enabled
0
= Two-Speed Start-up disabled
bit 6
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
bit 5-3
Unimplemented: Read as ‘0’
bit 2
FOSC2: Default/Reset System Clock Select bit
1
= Clock selected by FOSC1:FOSC0 as system clock is enabled when OSCCON<1:0> = 00
0
= INTRC enabled as system clock when OSCCON<1:0> = 00
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= EC oscillator, PLL enabled and under software control, CLKO function on OSC2
10
= EC oscillator, CLKO function on OSC2
01
= HS oscillator, PLL enabled and under software control
00
= HS oscillator
Legend:
R = Readable bit
WO = Write-once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
U-0
U-0
U-0
U-0
R/WO-1
R/WO-1
R/WO-1
R/WO-1
—
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
WDTPS3:WDTPS0: Watchdog Timer Postscale Select bits
1111
= 1:32,768
1110
= 1:16,384
1101
= 1:8,192
1100
= 1:4,096
1011
= 1:2,048
1010
= 1:1,024
1001
= 1:512
1000
= 1:256
0111
= 1:128
0110
= 1:64
0101
= 1:32
0100
= 1:16
0011
= 1:8
0010
= 1:4
0001
= 1:2
0000
= 1:1
Legend:
R = Readable bit
WO = Write-once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com