Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/ML Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC18F44J10-E/ML
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/ML Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC18F44J10-E/ML Datasheet HTML 56Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 57Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 58Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 59Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 60Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 61Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 62Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 63Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 58
Preliminary
© 2007 Microchip Technology Inc.
TMR0H
Timer0 Register High Byte
0000 0000
44, 113
TMR0L
Timer0 Register Low Byte
xxxx xxxx
44, 113
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
44, 111
OSCCON
IDLEN
—
—
—OSTS
—
SCS1
SCS0
0--- q-00
28, 44
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
44, 235
RCON
IPEN
—
—RI
TO
PD
POR
BOR(1)
0--1 11q0
38, 42, 90
TMR1H
Timer1 Register High Byte
xxxx xxxx
44, 119
TMR1L
Timer1 Register Low Byte
xxxx xxxx
44, 119
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
44, 115
TMR2
Timer2 Register
0000 0000
44, 122
PR2
Timer2 Period Register
1111 1111
44, 122
T2CON
—
T2OUTPS3
T2OUTPS2
T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
44, 121
SSP1BUF
MSSP1 Receive Buffer/Transmit Register
xxxx xxxx
44, 154
SSP1ADD
MSSP1 Address Register in I2C™ Slave mode. MSSP1 Baud Rate Reload Register in I2C Master mode.
0000 0000
44, 155
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
44, 146,
156
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
44, 147,
157
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
44, 158
ADRESH
A/D Result Register High Byte
xxxx xxxx
44, 218
ADRESL
A/D Result Register Low Byte
xxxx xxxx
44, 218
ADCON0
ADCAL
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
0-00 0000
44, 209
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 0qqq
44, 210
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
44, 211
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
45, 124
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
45, 124
CCP1CON
P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
45, 123,
CCPR2H
Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
45, 124
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
xxxx xxxx
45, 124
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
45, 123
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
45, 190
ECCP1DEL
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
0000 0000
45, 140
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(2)
PSSBD0(2)
0000 0000
45, 141
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
45, 225
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
45, 219
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F24J10/25J10/44J10/45J10) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
See Section 4.4 “Brown-out Reset (BOR) (PIC18F2X1X/4X1X Devices Only)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as
‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com