Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/ML Datasheet(PDF) 297 Page - Microchip Technology

Part # PIC18F44J10-E/ML
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/ML Datasheet(HTML) 297 Page - Microchip Technology

Back Button PIC18F44J10-E/ML Datasheet HTML 293Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 294Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 295Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 296Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 297Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 298Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 299Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 300Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 295
PIC18F45J10 FAMILY
23.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Ambient temperature under bias............................................................................................................ .-40°C to +100°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any digital-only input MCLR I/O pin with respect to VSS ........................................................... -0.3V to 6.0V
Voltage on any combined digital and analog pin with respect to VSS ............................................ -0.3V to (VDD + 0.3V)
Voltage on VDDCORE with respect to VSS ................................................................................................... -0.3V to 2.75V
Voltage on VDD with respect to VSS ........................................................................................................... -0.3V to 4.0V
Total power dissipation (Note 1) ............................................................................................................................... 1.0W
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD) .............................................................................................................. 0 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ........................................................................................................ TBD
Maximum output current sunk by any PORTB and PORTC I/O pin........................................................................ 25 mA
Maximum output current sunk by any PORTA, PORTD, and PORTE I/O pin........................................................... 4 mA
Maximum output current sourced by any PORTB and PORTC I/O pin .................................................................. 25 mA
Maximum output current sourced by any PORTA, PORTD, and PORTE I/O pin ..................................................... 4 mA
Maximum current sunk by all ports combined ....................................................................................................... 200 mA
Maximum current sourced by all ports combined.................................................................................................. 200 mA
Note 1: Power dissipation is calculated as follows:
Pdis = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com