Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/ML Datasheet(PDF) 352 Page - Microchip Technology

Part # PIC18F44J10-E/ML
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/ML Datasheet(HTML) 352 Page - Microchip Technology

Back Button PIC18F44J10-E/ML Datasheet HTML 348Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 349Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 350Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 351Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 352Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 353Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 354Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 355Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 350
Preliminary
© 2007 Microchip Technology Inc.
Timing Diagrams
A/D Conversion ......................................................... 326
Acknowledge Sequence ........................................... 179
Asynchronous Reception .......................................... 200
Asynchronous Transmission ..................................... 198
Asynchronous Transmission (Back to Back) ............ 198
Automatic Baud Rate Calculation ............................. 196
Auto-Wake-up Bit (WUE) During Normal Operation . 201
Auto-Wake-up Bit (WUE) During Sleep .................... 201
Baud Rate Generator with Clock Arbitration ............. 173
BRG Overflow Sequence .......................................... 196
BRG Reset Due to SDAx Arbitration During Start
Condition........................................................... 182
Brown-out Reset (BOR) ............................................ 314
Bus Collision During a Repeated Start Condition
(Case 1) ............................................................ 183
Bus Collision During a Repeated Start Condition
(Case 2) ............................................................ 183
Bus Collision During a Start Condition (SCLx = 0).... 182
Bus Collision During a Stop Condition (Case 1) ....... 184
Bus Collision During a Stop Condition (Case 2) ....... 184
Bus Collision During Start Condition (SDAx Only) .... 181
Bus Collision for Transmit and Acknowledge............ 180
Capture/Compare/PWM (Including ECCP Module) .. 316
CLKO and I/O ........................................................... 313
Clock Synchronization .............................................. 166
Clock/Instruction Cycle ............................................... 51
EUSART Synchronous Receive (Master/Slave) ....... 325
EUSART Synchronous Transmission
(Master/Slave)................................................... 325
Example SPI Master Mode (CKE = 0) ...................... 317
Example SPI Master Mode (CKE = 1) ...................... 318
Example SPI Slave Mode (CKE = 0) ........................ 319
Example SPI Slave Mode (CKE = 1) ........................ 320
External Clock (All Modes Except PLL) .................... 311
Fail-Safe Clock Monitor............................................. 239
First Start Bit Timing ................................................. 174
Full-Bridge PWM Output ........................................... 137
Half-Bridge PWM Output .......................................... 136
I2C Bus Data ............................................................. 321
I2C Bus Start/Stop Bits.............................................. 321
I2C Master Mode (7 or 10-Bit Transmission) ............ 177
I2C Master Mode (7-Bit Reception) ........................... 178
I2C Slave Mode (10-Bit Reception, SEN = 0) ........... 163
I2C Slave Mode (10-Bit Reception, SEN = 1) ........... 168
I2C Slave Mode (10-Bit Transmission)...................... 164
I2C Slave Mode (7-bit Reception, SEN = 0).............. 161
I2C Slave Mode (7-Bit Reception, SEN = 1) ............. 167
I2C Slave Mode (7-Bit Transmission)........................ 162
I2C Slave Mode General Call Address Sequence (7 or
10-Bit Address Mode) ....................................... 169
I2C Stop Condition Receive or Transmit Mode ......... 179
Master SSP I2C Bus Data ......................................... 323
Master SSP I2C Bus Start/Stop Bits ......................... 323
Parallel Slave Port (PSP) Read ................................ 110
Parallel Slave Port (PSP) Write ................................ 110
PWM Auto-Shutdown (PRSEN = 0, Auto-Restart Dis-
abled) ................................................................ 142
PWM Auto-Shutdown (PRSEN = 1, Auto-Restart En-
abled) ................................................................ 142
PWM Direction Change ............................................ 139
PWM Direction Change at Near 100% Duty Cycle ... 139
PWM Output ............................................................. 128
Repeated Start Condition.......................................... 175
Reset, Watchdog Timer (WDT), Oscillator Start-up Timer
(OST) and Power-up Timer (PWRT) ................ 314
Send Break Character Sequence ............................. 202
Slave Synchronization .............................................. 151
Slow Rise Time (MCLR Tied to VDD,
VDD Rise > TPWRT) ............................................. 41
SPI Mode (Master Mode).......................................... 150
SPI Mode (Slave Mode, CKE = 0) ............................ 152
SPI Mode (Slave Mode, CKE = 1) ............................ 152
Synchronous Reception (Master Mode, SREN) ....... 205
Synchronous Transmission ...................................... 203
Synchronous Transmission (Through TXEN) ........... 204
Time-out Sequence on Power-up (MCLR Not
Tied to VDD), Case 1 .......................................... 40
Time-out Sequence on Power-up (MCLR Not
Tied to VDD), Case 2 .......................................... 41
Time-out Sequence on Power-up (MCLR Tied to
VDD, VDD Rise Tpwrt) ......................................... 40
Timer0 and Timer1 External Clock ........................... 315
Transition for Entry to Idle Mode................................. 35
Transition for Entry to SEC_RUN Mode ..................... 32
Transition for Entry to Sleep Mode ............................. 34
Transition for Two-Speed Start-up (INTRC) ............. 237
Transition for Wake from Idle to Run Mode ................ 35
Transition for Wake from Sleep .................................. 34
Transition from RC_RUN Mode to PRI_RUN Mode ... 33
Transition to RC_RUN Mode ...................................... 33
Timing Diagrams and Specifications
A/D Conversion Requirements ................................. 327
AC Characteristics
Internal RC Accuracy........................................ 312
Capture/Compare/PWM Requirements (Including
ECCP Module).................................................. 316
CLKO and I/O Requirements.................................... 313
EUSART Synchronous Receive Requirements........ 325
EUSART Synchronous Transmission Requirements 325
Example SPI Mode Requirements (Master Mode,
CKE = 0) ........................................................... 317
Example SPI Mode Requirements (Master Mode,
CKE = 1) ........................................................... 318
Example SPI Mode Requirements (Slave Mode,
CKE = 0) ........................................................... 319
Example SPI Slave Mode Requirements (CKE = 1). 320
External Clock Requirements ................................... 311
I2C Bus Data Requirements (Slave Mode) ............... 322
I2C Bus Start/Stop Bits Requirements (Slave Mode) 321
Master SSP I2C Bus Data Requirements ................. 324
Master SSP I2C Bus Start/Stop Bits Requirements.. 323
Parallel Slave Port Requirements............................. 316
PLL Clock ................................................................. 312
Reset, Watchdog Timer, Oscillator Start-up Timer,
Power-up Timer and Brown-out Reset
Requirements ................................................... 314
Timer0 and Timer1 External Clock Requirements.... 315
Top-of-Stack Access........................................................... 48
TRISE Register
PSPMODE Bit........................................................... 103
TSTFSZ ............................................................................ 281
Two-Speed Start-up.................................................. 229, 237
Two-Word Instructions
Example Cases........................................................... 52
TXSTA Register
BRGH Bit .................................................................. 191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com