Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/ML Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC18F44J10-E/ML
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/ML Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC18F44J10-E/ML Datasheet HTML 122Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 123Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 124Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 125Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 126Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 127Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 128Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 129Page - Microchip Technology PIC18F44J10-E/ML Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 124
Preliminary
© 2007 Microchip Technology Inc.
13.1
CCP Module Configuration
Each Capture/Compare/PWM module is associated
with a control register (generically, CCPxCON) and a
data register (CCPRx). The data register, in turn, is
comprised of two 8-bit registers: CCPRxL (low byte)
and CCPRxH (high byte). All registers are both
readable and writable.
13.1.1
CCP MODULES AND TIMER
RESOURCES
The CCP modules utilize Timers 1 or 2, depending on
the mode selected. Timer1 is available to modules in
Capture or Compare modes, while Timer2 is available
for modules in PWM mode.
TABLE 13-1:
ECCP/CCP MODE – TIMER
RESOURCE
Both modules may be active at any given time and may
share the same timer resource if they are configured to
operate in the same mode (Capture/Compare or PWM)
at the same time. The interactions between the two
modules
are
summarized
in
Figure 13-1
and
Figure 13-2. In Timer1 in Asynchronous Counter mode,
the capture operation will not work.
13.1.2
CCP2 PIN ASSIGNMENT
The pin assignment for CCP2 (Capture input, Compare
and PWM output) can change, based on device config-
uration. The CCP2MX configuration bit determines
which pin CCP2 is multiplexed to. By default, it is
assigned to RC1 (CCP2MX = 1). If the configuration bit
is cleared, CCP2 is multiplexed with RB3.
Changing the pin assignment of CCP2 does not auto-
matically change any requirements for configuring the
port pin. Users must always verify that the appropriate
TRIS register is configured correctly for CCP2
operation regardless of where it is located.
TABLE 13-2:
INTERACTIONS BETWEEN ECCP1/CCP1 AND CCP2 FOR TIMER RESOURCES
ECCP/CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
CCP1 Mode CCP2 Mode
Interaction
Capture
Capture
Each module uses TMR1 as the time base.
Capture
Compare
CCP2 can be configured for the Special Event Trigger to reset TMR1. Automatic A/D
conversions on the trigger event can also be done. Operation of ECCP1/CCP1 will be
affected.
Compare
Capture
ECCP1/CCP1 can be configured for the Special Event Trigger to reset TMR1. Operation
of CCP2 will be affected.
Compare
Compare
Either module can be configured for the Special Event Trigger to reset TMR1. Automatic
A/D conversions on the CCP2 trigger event can be done.
Capture
PWM(1)
None
Compare
PWM(1)
None
PWM(1)
Capture
None
PWM(1)
Compare
None
PWM(1)
PWM
Both PWMs will have the same frequency and update rate (TMR2 interrupt).
Note 1:
Includes standard and Enhanced PWM operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com