Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP87745
Description  LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 5 Page - Texas Instruments

  LP87745 Datasheet HTML 1Page - Texas Instruments LP87745 Datasheet HTML 2Page - Texas Instruments LP87745 Datasheet HTML 3Page - Texas Instruments LP87745 Datasheet HTML 4Page - Texas Instruments LP87745 Datasheet HTML 5Page - Texas Instruments LP87745 Datasheet HTML 6Page - Texas Instruments LP87745 Datasheet HTML 7Page - Texas Instruments LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
CONNECTION
IF NOT USED
NAME
NO.
PGND_B3BS
T
12
—
Ground
Power ground for BUCK3 and BOOST.
Ground
PVIN_B3
13
—
Power
Power input for BUCK3. The separate power pins PVIN_Bxx are not connected
together internally – PVIN_Bxx and VCCA pins must be connected together in the
application and be locally bypassed.
System supply
SW_B3
14
—
Analog
BUCK3 switch node.
Floating
ENABLE
15
I
Digital
Programmable ENABLE signal.
Not applicable
nERR/GPO2
16
I
Digital
Primary function: System MCU Error Monitoring Input.
Ground
O
Digital
Alternative programmable function: General Purpose Output signal (GPO2).
Floating
O
Digital
Alternative programmable function: Fault Communication Output signal (FAULT2). Floating
FB_B3
17
—
Analog
Output voltage feedback (positive) for BUCK3.
Ground
VOUT_VLDO
18
—
Power
LDO regulator filter node. LDO is used for internal purposes. No external load
allowed.
-
AGND
19
—
Ground
Ground.
Ground
VCCA
20
—
Power
Supply voltage for internal LDO. VCCA and PVIN_Bxx pins must be connected
together in the application and be locally bypassed.
System supply
FB_B2
21
—
Analog
Output voltage feedback (positive) for BUCK2.
Ground
VMON1/
GPO1
22
—
Analog
Voltage monitoring input.
Ground
O
Digital
Alternative programmable function: General Purpose Output signal (GPO1).
Floating
O
Digital
Alternative programmable function: Fault Communication Output signal (FAULT1). Floating
O
Digital
Alternative programmable function: CAN PHY control (CAN_DIS).
Floating
SYNCCLKIN 23
I
Digital
External clock input.
Ground
SW_B2
24
—
Analog
BUCK2 switch node.
Floating
PVIN_B2
25
—
Power
Power input for BUCK2. The separate power pins PVIN_Bxx are not connected
together internally – PVIN_Bxx and VCCA pins must be connected together in the
application and be locally bypassed.
System supply
PGND_B12
26
—
Ground
Power ground for BUCK1 and BUCK2.
Ground
PVIN_B1
27
—
Power
Power input for BUCK1. The separate power pins PVIN_Bxx are not connected
together internally – PVIN_Bxx and VCCA pins must be connected together in the
application and be locally bypassed.
System supply
SW_B1
28
—
Analog
BUCK1 switch node.
Floating
www.ti.com
LP87743-Q1, LP87744-Q1, LP87745-Q1
SNVSC48B – OCTOBER 2021 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP87743-Q1 LP87744-Q1 LP87745-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com