Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KESS Datasheet(PDF) 1 Page - MISUMI Group Inc

Part # KESS
Description  Other Small Parts & Magnet Product Brands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MISUMI [MISUMI Group Inc]
Direct Link  https://www.misumi.co.jp/english/
Logo MISUMI - MISUMI Group Inc

KESS Datasheet(HTML) 1 Page - MISUMI Group Inc

  KESS Datasheet HTML 1Page - MISUMI Group Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2443
Check out misumiusa.com for the most current pricing and lead time.
2442
There’s more brands on the web: misumiusa.com
Small Hooks, L-Shaped
(Includes Cut Anchor)
Weight Hooks
Stainless Steel Pad Eyes B-1269
L-Shaped Hooks
Mizumoto Machine Manufacturing
Mizumoto Machine Manufacturing
Takigen
Mizumoto Machine Manufacturing
Sheet Eye Straps
Snap Hooks Type A
Press Wire Clips (Stainless Steel)
Stainless Steel, Embedded,
Rope Hooks B-1882
Mizumoto Machine Manufacturing
Mizumoto Machine Manufacturing
Mizumoto Machine Manufacturing
Takigen
Heavy Duty Long Shackles
Grand Hooks
Plate Shackles
Yahata Neji
Mizumoto Machine Manufacturing
Mizumoto Machine Manufacturing
Himeno Precision Works
Seiki Works
Katayama Chain
Nankai
Iwata Denko
Taiyo Stainless Steel
Heiwa Hatsujo
Sunco
Nippon Chemical Screw
Sowa
Takigen
Gosho Works
Nabeya Bi-tech Kaisha (NBK)
Nissan Screw
Trusco Nakayama
Hirosugi
Accurate
Recoil
Japan Drive It
KKV
Tokai
Nippon Sprew
Precision Tsugami
Bohsei
Sel Japan
Magna
Hikari
Kanetec
Ohkita
KSSC
Ochiai
Nissa Chain
Yahata Neji
Mizumoto Machine
Manufacturing
Maruki Hardware
Samini
Fujiwara
Shinsei Hatsujo
Other Small Parts & Magnet Product Brands
continued
Parallel Keys
KED
KEDS Stainless Steel
KEDH Hardened Type
KES
KESS Stainless Steel
KESH Hardened Type
KEG
KEGS Stainless Steel
KEGH Hardened Type
!
Hardened Type has an engraved mark
for identification.
JISB1301-1996 (New JIS Standard)
L
L
L
1.6
1.6
6.3
C
6.3
1.6
1.6
6.3
6.3
6.3
6.3
1.6
1.6
B/2
B/2
Part Number
-
L
KED6
KESH6
-
-
30
30
Alteration
Code
Spec.
Full Length
LC
Specifies L dimension in 1mm increment.
B
LC Range
2
5–20
3
6–30
4
8–50
5
8–50
6
10–60
7
15–60
8
15–80
B
LC Range
10
15– 80
12
20– 80
14
25– 90
15
25– 90
16
35–100
18
35–110
LC
Part Number
L
H Tolerance
C
Type
Bh9
KED
KES
KEG
Stainless Steel
KEDS
KESS
KEGS
2
0
- 0.025
6
8 10
15
20
2
0
- 0.025
0.16–0.25
3
6
8 10 12 15 16 18 20
25
30
3
4
0
- 0.030
8 10 12 15 16 18 20
25
30
35 40 45 50
4
0
- 0.030
5
10 12 15 16 18 20 22 25 28 30 32 35 40 45 50 55 60
5
0.25–0.40
6
10 12 15 16 18 20 22 25 28 30 32 35 40 45 50 55 60
6
7
0
- 0.036
15
20 22 25 28 30 32 35 40 45 50
60
70
7
0
- 0.036
8
10 12 15 16 18 20 22 25 28 30 32 35 40 45 50 55 60 65 70 80 65 90
0
- 0.090
10
15 16 18 20
25
30
35 40 45 50 55 60 65 70 80 65 90
8
0.40–0.60
12
0
- 0.043
20
25
30
35 40 45 50 55 60 65 70 80 65 90
14
30
35 40 45 50 55 60 65 70 80 65 90
9
15
30
35 40 45 50 55 60
70 80
90
10
16
40 45 50 55 60
70 80
90 100
18
40 45 50 55 60
70 80
90 100 110 11
0
- 0.110
Part Number
L
H Tolerance
C
Type
Bh9
Hardened Type
KEDH
KESH
KEGH
4
0
- 0.030
8
10
12
15
16
20
25
30
4
0
- 0.030
0.16–0.25
5
10
12
15
16
20
25
26
28
30
32
35
40
45
50
5
0.25–0.40
6
10
15
16
20
25
26
28
30
32
35
40
45
50
6
7
0
- 0.036
15
20
25
26
28
30
32
35
40
45
50
7
0
- 0.036
8
15
20
25
26
28
30
32
35
40
45
50
0
- 0.090
10
15
20
25
30
35
40
45
50
8
0.40–0.60
12
0
- 0.043
20
25
30
35
40
45
50
Type
Material
Tensile Strength
L Dimension
Selectable
KED
KES
KEG
1045 Carbon Steel Equivalent
600 N/mm2 or More
KEDS KESS KEGS
316 Stainless Steel
600 N/mm2 or More
KEDH KESH KEGH
1045 Carbon Steel Equivalent
25–30 HRC min.
700 N/mm2 or More
Parallel Keys
L
Tolerance
Min.–10
0
- 0.15
11–18
0
- 0.18
19–30
0
- 0.21
31–50
0
- 0.25
51–80
0
- 0.30
81–120
0
- 0.35
121–180
0
- 0.40
181–250
0
- 0.46
251–300
0
- 0.52


Similar Part No. - KESS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
KESRX01 ZARLINK-KESRX01 Datasheet
185Kb / 11P
290 - 460MHz ASK Receiver
KESRX01/IG/QP1S ZARLINK-KESRX01/IG/QP1S Datasheet
185Kb / 11P
290 - 460MHz ASK Receiver
KESRX01/IG/QP1T ZARLINK-KESRX01/IG/QP1T Datasheet
185Kb / 11P
290 - 460MHz ASK Receiver
KESRX04 ZARLINK-KESRX04 Datasheet
506Kb / 21P
260 to 470MHz. ASK Receiver with Power Down
KESRX04IG ZARLINK-KESRX04IG Datasheet
506Kb / 21P
260 to 470MHz. ASK Receiver with Power Down
More results

Similar Description - KESS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F Datasheet
187Kb / 2P
Magnet latching relay Small size, light weight
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
Mounting Parts
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
Japan Aviation Electron...
JB1DB10PL6 JAE-JB1DB10PL6 Datasheet
179Kb / 1P
STRAIGHT PLUG THE OTHER PARTS PACKAGE, 6CALBE CORRESPOND
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q Datasheet
227Kb / 3P
NPN Transistor Small Signal Product
logo
Taiwan Memory Technolog...
TESDUB5V0 TMT-TESDUB5V0 Datasheet
143Kb / 3P
Small Signal Product
logo
List of Unclassifed Man...
47550 ETC2-47550 Datasheet
38Kb / 1P
Other Desco Industries Brands
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
PARTS/ACCESSORIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com